Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX513CJM6C Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 110Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 111Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 112Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 113Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 114Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 115Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 116Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 117Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 118Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
114
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
3.7.12
SIM (Subscriber Identification Module) Timing
This section describes the electrical parameters of the SIM module. Each SIM module interface consists
of 12 signals (two separate ports each containing six signals). Typically a a port uses five signals.
The interface is designed to be used with synchronous SIM cards meaning the SIM module provides the
clock used by the SIM card. The clock frequency is typically 372 times the Tx/Rxdata rate, however the
SIM module can work with CLK frequencies of 16 times the Tx/Rx data rate.
There is no timing relationship between the clock and the data. The clock that the SIM module provides
to the SIM card is used by the SIM card to recover the clock from the data in the same manner as standard
UART data exchanges. All six signals (5 for bi-directional Tx/Rx) of the SIM module are asynchronous
to each other.
There are no required timing relationships between signals in normal mode. The SIM card is initiated by
the interface device; the SIM card responds with Answer to Reset. Although the SIM interface has no
defined requirements, the ISO-7816 defines reset and power-down sequences. (For detailed information,
see ISO-7816.)
Table 84 defines the general timing requirements for the SIM interface.
Figure 81. SIM Clock Timing Diagram
Table 84. SIM Timing Parameters, High Drive Strength
ID
Parameter
Symbol
Min
Max
Unit
SI1
SIM Clock Frequency (SIMx_CLKy)1,
1 50% duty cycle clock
Sfreq
0.01
25
MHz
SI2
SIM Clock Rise Time (SIMx_CLKy)2
2 With C = 50 pF
Srise
—0.09
×(1/S
freq)ns
SI3
SIM Clock Fall Time (SIMx_CLKy)3
3 With C = 50 pF
Sfall
—0.09
×(1/S
freq)ns
SI4
SIM Input Transition Time
(SIMx_DATAy_RX_TX, SIMx_SIMPDy)
Strans
10
25
ns
SI5
SIM I/O Rise Time / Fall
Time(SIMx_DATAy_RX_TX)4
4 With Cin = 30 pF, Cout = 30 pF
Tr/Tf
—
1
µs
SI6
SIM RST Rise Time / Fall Time(SIMx_RSTy)5
5 With Cin = 30 pF
Tr/Tf
—
1
µs
SIMx_CLKy
SI2
SI3
1/SI1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com