Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX513CJM6C Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 129Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 130Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 131Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 132Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 133Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 134Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 135Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 136Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
133
Preliminary—Subject to Change Without Notice
3.7.17.1.4
USB VP_VM Uni-Directional Mode
Figure 99. USB Transmit Waveform in VP_VM Unidirectional Mode
Table 101. USB Port Timing Specification in VP_VM Bi-directional Mode
ID
Parameter
Signal Name
Direction
Min
Max
Unit
Condition / Reference Signal
US18
TX Rise/Fall Time
USB_DAT_VP
Out
—
5.0
ns
50 pF
US19
TX Rise/Fall Time
USB_SE0_VM
Out
—
5.0
ns
50 pF
US20
TX Rise/Fall Time
USB_TXOE_B
Out
—
5.0
ns
50 pF
US21
TX Duty Cycle
USB_DAT_VP
Out
49.0
51.0
%
—
US22
TX Overlap
USB_SE0_VM
Out
–3.0
3.0
ns
USB_DAT_VP
US26
RX Rise/Fall Time
USB_DAT_VP
In
—
3.0
ns
35 pF
US27
RX Rise/Fall Time
USB_SE0_VM
In
—
3.0
ns
35 pF
US28
RX Skew
USB_DAT_VP
Out
–4.0
4.0
ns
USB_SE0_VM
US29
RX Skew
USB_RCV
Out
–6.0
2.0
ns
USB_DAT_VP
Table 102. USB Signal Definitions—VP_VM Uni-Directional Mode
Name
Direction
Signal Description
USB_TXOE_B
Out
Transmit enable, active low
USB_DAT_VP
Out
TX VP data when USB_TXOE_B is low
USB_SE0_VM
Out
TX VM data when USB_TXOE_B is low
USB_VP1
In
RX VP data when USB_TXOE_B is high
USB_VM1
In
RX VM data when USB_TXOE_B is high
USB_RCV
In
Differential RX data
USB_DAT_VP
USB_SE0_VM
US30
US31
Transmit
USB_TXOE_B
US32
US34
US33
US34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com