Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX513CJM6C Datasheet(PDF) 164 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 164 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 160Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 161Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 162Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 163Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 164Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 165Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 166Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 167Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 168Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
164
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Package Information and Contact Assignments
DRAM_A13
U1
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_A14
T2
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_A2
AA3
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_A3
V5
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_A4
W4
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_A5
Y2
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_A6
W3
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_A7
Y1
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_A8
W2
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_A9
V3
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_CAS
V4
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_CS0
Y4
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_CS1
Y3
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D0
T1
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D1
R3
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D10
M3
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D11
M4
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D12
M1
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D13
M5
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D14
L5
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D15
L4
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D16
L3
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D17
L2
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D18
L1
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D19
K1
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D2
R2
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D20
K3
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D21
K4
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D22
J3
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D23
J4
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D24
K5
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D25
H1
NVCC_EMI_DRAM
DDR2
Output
High
Table 114. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Contact
Assignment
Power Rail
I/O Buffer Type
Direction after
Reset1
Configuraton
after Reset1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com