Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8377ECVRAFDA Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRAFDA Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRAFDA Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
61
PCI Express
Absolute delta of DC
common mode
between D+ and D–
|VTX-CM-DC-D+ – VTX-CM-DC-D-|
≤ 25 mV
VTX-CM-DC-D+ = DC(avg) of
|VTX-D+|
VTX-CM-DC-D- = DC(avg) of
|VTX-D-|
VTX-CM-DC-LINE-
DELTA
0—
25
mV
2
Electrical idle
differential peak output
voltage
VPEEIDPTX = |VTX-IDLE-D+
-VTX-IDLE-D-| ≤ 20 mV
VTX-IDLE-DIFFp
0—
20
mV
2
Amount of voltage
change allowed during
receiver detection
The total amount of voltage
change that a transmitter can
apply to sense whether a low
impedance receiver is
present.
VTX-RCV-DETECT
—XPADVDD/2
600
mV
6
Tx DC common mode
voltage
The allowed DC common
mode voltage under any
conditions.
VTX-DC-CM
0XPADVDD/2
—
V
6
Tx short circuit current
limit
The total current the
transmitter can provide when
shorted to its ground
ITX-SHORT
——
90
mA
—
Minimum time spent in
electrical idle
Minimum time a transmitter
must be in electrical idle.
Utilized by the receiver to start
looking for an electrical idle
exit after successfully
receiving an electrical idle
ordered set.
TTX-IDLE-MIN
50
—
—
UI
—
Maximum time to
transition to a valid
electrical idle after
sending an electrical
idle ordered set
After sending an electrical idle
ordered set, the transmitter
must meet all electrical idle
specifications within this time.
This is considered a
debounce time for the
transmitter to meet electrical
idle after transitioning from
LO.
TTX-IDLE-SET-TO-IDLE
——
20
UI
—
Maximum time to
transition to valid Tx
specifications after
leaving an electrical idle
condition
Maximum time to meet all Tx
specifications when
transitioning from electrical
idle to sending differential
data. This is considered a
debounce time for the Tx to
meet all Tx specifications after
leaving electrical idle
TTX-IDLE-TO-DIFF-DATA
——
20
UI
—
Differential return loss
Measured over 50 MHz to
1.25 GHz.
RLTX-DIFF
12
—
—
dB
4
Table 51. Differential Transmitter (Tx) Output Specifications (continued)
Parameter
Conditions
Symbol
Min
Typical
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com