Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8377ECVRAFDA Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRAFDA Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRAFDA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
62
Freescale Semiconductor
PCI Express
15.4.2
Transmitter Compliance Eye Diagrams
The Tx eye diagram in Figure 42 is specified using the passive compliance/test measurement load (see
Figure 44) in place of any real PCI Express interconnect + Rx component. There are two eye diagrams that
must be met for the transmitter. Both diagrams must be aligned in time using the jitter median to locate the
center of the eye diagram. The different eye diagrams differ in voltage depending on whether it is a
Common mode return
loss
Measured over 50 MHz to
1.25 GHz.
RLTX-CM
6—
—
dB
4
DC differential Tx
impedance
Tx DC differential mode low
impedance
ZTX-DIFF-DC
80
100
120
Ω
—
Transmitter DC
impedance
Required Tx D+ as well as D–
DC impedance during all
states
ZTX-DC
40
—
—
Ω
—
Lane-to-Lane output
skew
Static skew between any two
transmitter lanes within a
single link
LTX-SKEW
—
—
500 +
2UI
ps
—
AC coupling capacitor
All transmitters should be AC
coupled. The AC coupling is
required either within the
media or within the
transmitting component itself.
CTX
75
—
200
nF
—
Crosslink random
timeout
This random timeout helps
resolve conflicts in crosslink
configuration by eventually
resulting in only one
downstream and one
upstream port.
Tcrosslink
0—
1
ms
7
Note:
1 No test load is necessarily associated with this value.
2 Specified at the measurement point into a timing and voltage compliance test load as shown in Figure 44 and measured over
any 250 consecutive Tx UIs. (Also refer to the transmitter compliance eye diagram shown in Figure 42.)
3 A T
TX-EYE = 0.70 UI provides for a total sum of deterministic and random jitter budget of TTX-JITTER-MAX = 0.30 UI for the
transmitter collected over any 250 consecutive Tx UIs. The TTX-EYE-MEDIAN-to-MAX-JITTER median is less than half of the total
Tx jitter budget collected over any 250 consecutive Tx UIs. It should be noted that the median is not the same as the mean.
The jitter median describes the point in time where the number of jitter points on either side is approximately equal as opposed
to the averaged time value.
4 The transmitter input impedance will result in a differential return loss greater than or equal to 12 dB and a common mode
return loss greater than or equal to 6 dB over a frequency range of 50 MHz to 1.25 GHz. This input impedance requirement
applies to all valid input levels. The reference impedance for return loss measurements is 50
Ω to ground for both the D+ and
D– line (that is, as measured by a vector network analyzer with 50-
Ω probes, see Figure 44). Note that the series capacitors,
CTX, is optional for the return loss measurement.
5 Measured between 20%–80% at transmitter package pins into a test load as shown in Figure 44 for both V
TX-D+ and VTX-D-.
6 See Section 4.3.1.8 of the PCI Express Base Specifications, Rev 1.0a.
7 See Section 4.2.6.3 of the PCI Express Base Specifications, Rev 1.0a.
Table 51. Differential Transmitter (Tx) Output Specifications (continued)
Parameter
Conditions
Symbol
Min
Typical
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com