Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8377ECVRAFDA Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRAFDA Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRAFDA Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
103
Package and Pin Listings
GVDD
A2, D2, R2, U2, AC2, AF2, AJ2, F3, H3,
L3, N3, Y3, AB3, B4, P4, AF4, AH4, C5,
F5, K5, V5, AA5, AD5, N6, R6, AJ6, B7,
E7, K7, AA7, AE7, AG7, AD8
Power for
DDR
SDRAM I/O
Voltage (2.5
or 1.8 V)
GVDD
—
OVDD
AC10, D10, D12, AF12, AJ12, K23, Y23,
R24, AD24, L25, W25, AB26, U27, M28,
Y28, G10, A11, C11
PCI, USB,
and other
Standard
(3.3 V)
OVDD
—
No Connect
NC
F16, F17, AD16, AD17
—
—
8
Pull Down
Pull Down
B16, AH18
—
—
7
Note:
1 This pin is an open drain signal. A weak pull-up resistor (1 kΩ) should be placed on this pin to OVDD.
2 This pin is an open drain signal. A weak pull-up resistor (2–10 kΩ) should be placed on this pin to OVDD.
3 This output is actively driven during reset rather than being released to high impedance during reset.
4 These JTAG pins have weak internal pull-up P-FETs that are always enabled.
5 This pin should have a weak pull up if the chip is in PCI host mode. Follow PCI Specification recommendation and see
AN3665,
MPC837xE Design Checklist, for more details.
6 These are On Die Termination pins, used to control DDR2 memories internal termination resistance.
7 This pin must always be tied to GND using a 0 Ω resistor.
8 This pin must always be left not connected.
9 For DDR2 operation, it is recommended that MDIC0 be tied to GND using an 18.2 Ω resistor and MDIC1 be tied to DDR
power using an 18.2
Ω resistor.
10 This pin must always be tied low. If it is left floating it may cause the device to malfunction.
11 See AN3665, “MPC837xE Design Checklist,” for proper DDR termination.
12 This pin must not be pulled down during PORESET.
13 Open or tie to GND.
Table 71. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com