Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8379ECZQAFDA Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MPC8379ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECZQAFDA Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECZQAFDA Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
93
Package and Pin Listings
LVDD1
AC21, AG21, AH23
Power for
eTSEC 1
I/O (2.5 V,
3.3 V)
LVDD1
—
LVDD2
AG24, AH27, AH29
Power for
eTSEC 2
I/O (2.5 V,
3.3 V)
LVDD2
—
LBVDD
G20, D22, A24, G26, D27, A28
Power for
eLBC
(3.3, 2.5, or
1.8 V)
LBVDD
—
VDD
K10, L10, M10, N10, P10, R10, T10, U10,
V10, W10, Y10, K11, R11, Y11, K12, Y12,
K13, Y13, K14, Y14, K15, L15, W15, Y15,
K16, Y16, K17, Y17, K18, Y18, K19, R19,
Y19, K20, L20, M20, N20, P20, R20, T20,
U20, V20, W20, Y20
Power for
Core
(1.0 V or
1.5 V)
VDD
—
GND
(VSS)
A1, AJ1, H2, N2, AA2, AD2, D3, R3, AF3,
A4, F4, J4, L4, V4, Y4, AB4, B5, E5, P5,
AH5, K6, T6, AA6, AD6, AG6, F7, J7, Y7,
AJ7, B8, AE8, AG8, G9, AC9, B11, D11,
F11, L11, M11, N11, P11, T11, U11, V11,
W11, D12, L12, M12, N12, P12, R12,
T12, U12, V12, W12, E12, E13, L13, M13,
N13, P13, R13, T13, U13, V13, W13,
AE13, AJ13, F14, L14, M14, N14, P14,
R14, T14, U14, V14, W14, M15, N15,
P15, R15, T15, U15, V15, L16, M16, N16,
P16, R16, T16, U16, V16, W16, L17, M17,
N17, P17, R17, T17, U17, V17, W17, L18,
M18, N18, P18, R18, T18, U18, V18,
W18, L19, M19, N19, P19, T19, U19, V19,
W19, AC20, G21, AF21, C22, J23, AA23,
AJ23, B24, W24, AF24, K25, R25, AD25,
D26, G27, M27, T27, Y27, AB27, AG27,
A29, AJ29
——
—
AVDD_C
AD13
Power for
e300 PLL
(1.0 or
1.05 V)
——
AVDD_L
F13
Power for
eLBC PLL
(1.0 or
1.05 V)
——
AVDD_P
F12
Power for
system PLL
(1.0 V)
——
Table 68. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com