Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8379ECZQAFDA Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MPC8379ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECZQAFDA Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECZQAFDA Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
100
Freescale Semiconductor
Clocking
22.2
Core PLL Configuration
RCWL[COREPLL] selects the ratio between the internal coherent system bus clock (csb_clk) and the e300
core clock (core_clk). Table 75 shows the encodings for RCWL[COREPLL]. COREPLL values that are
not listed in Table 75 should be considered as reserved.
NOTE
Core VCO frequency = core frequency
× VCO divider
VCO divider has to be set properly so that the core VCO frequency is in the
range of 800–1600 MHz.
Low
0110
6 : 1
150
200
Low
0111
7 : 1
175
233
Low
1000
8 : 1
200
266
Low
1001
9 : 1
225
300
Low
1010
10 : 1
250
333
Low
1011
11 : 1
275
Low
1100
12 : 1
300
Low
1101
13 : 1
325
Low
1110
14 : 1
Low
1111
15 : 1
1
CFG_CLKIN_DIV doubles csb_clk if set high.
2
CLKIN is the input clock in host mode; PCI_CLK is the input clock in agent mode.
Table 75. e300 Core PLL Configuration
RCWL[COREPLL]
core_clk : csb_clk Ratio
VCO Divider 1
0–1
2–5
6
nn
0000
0
PLL bypassed
(PLL off,
csb_clk clocks
core directly)
PLL bypassed
(PLL off,
csb_clk clocks
core directly)
11
nnnn
nn/a
n/a
00
0001
01:1
2
01
0001
01:1
4
10
0001
01:1
8
Table 74. CSB Frequency Options for Agent Mode (continued)
CFG_CLKIN_DIV
at reset 1
SPMF
csb_clk :
Input Clock
Ratio 2
Input Clock
Frequency (MHz) 2
25
33.33
66.67
csb_clk
Frequency (MHz)
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com