Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8379ECZQAFDA Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # MPC8379ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECZQAFDA Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECZQAFDA Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
103
Thermal
23.2
Thermal Management Information
For the following sections, PD = (VDD × IDD) + PI/O where PI/O is the power dissipation of the I/O drivers.
23.2.1
Estimation of Junction Temperature with Junction-to-Ambient
Thermal Resistance
An estimation of the chip junction temperature, TJ, can be obtained from the equation:
TJ = TA + (RθJA × PD)
where:
TJ = junction temperature (°C)
TA = ambient temperature for the package (°C)
RθJA = junction to ambient thermal resistance (°C/W)
PD = power dissipation in the package (W)
The junction to ambient thermal resistance is an industry-standard value that provides a quick and easy
estimation of thermal performance. Generally, the value obtained on a single layer board is appropriate for
a tightly packed printed circuit board. The value obtained on the board with the internal planes is usually
appropriate if the board has low power dissipation and the components are well separated. Test cases have
demonstrated that errors of a factor of two (in the quantity TJ – TA) are possible.
23.2.2
Estimation of Junction Temperature with Junction-to-Board
Thermal Resistance
NOTE
The heat sink cannot be mounted on the package.
Junction-to-package natural convection on top
ψJT
6
°C/W
6
Note:
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2 Per JEDEC JESD51-2 with the single layer board horizontal. Board meets JESD51-9 specification.
3 Per JEDEC JESD51-6 with the board horizontal.
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
5 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
6 Thermal characterization parameter indicating the temperature difference between package top and the junction temperature
per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT.
Table 77. Package Thermal Characteristics for TePBGA II (continued)
Parameter
Symbol
Value
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com