Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD490 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # PSD490
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PSD490 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  PSD490 Datasheet HTML 1Page - PACELEADER INDUSTRIAL PSD490 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTICS CURVES PSD490 THRU PSD491
PSD490 thru PSD491
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
175
150
125
100
75
50
25
0
.01
.05
.1
.5
1
50
10
100
5
REVERSE VOLTAGE (V)
FIG .4 Typical Junction Capacitance
1.2
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE ( C)
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
FIG.2 Typical Forward Current Derating Curve
0
20
40
60
80
100
120
140
PERCENTAGE RATED PEAK REVERSE VOLTAGE
100
10
1.0
.1
.01
Tj=75 C
Tj=25 C
FIG.3 Typical Reverse Characteristics
50
10
3.0
1.0
0.1
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
FORWARE VOLTAGE.(V)
T=25 C
Pulse Width 300us
1% Duty Cycle
FIG.1 Typcial Forward Characteristics
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com