Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD490 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # PSD490
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PSD490 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  PSD490 Datasheet HTML 1Page - PACELEADER INDUSTRIAL PSD490 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
UNITS
0C
0C
-50 to +125
-25 to +125
Volts
Volts
Volts
A
A
V
1.0
3.0
0.53
0.45
mA
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
PSD490 thru PSD491
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
FEATURES
MECHANICAL DATA
Low Turn-on Voltage
Fast Switching
PN Junction Guard Ring for Transient and
ESD Protection
Case SOT-346/SC-59 Molded Plastic
Terminals Solderable per MIL-STD-202, Method 208
Polarity See Diagrams Below
Weight 0.008gram (approx)
Mounting Position Any
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3mm Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 1.0A
0
Maximum DC Reverse Current TA=25 C
0
at Rated DC Blocking Voltage TA=100 C
Operating Temperature Range TJ
Storage Temperature Range TSTG
0.2
4.0
20
14
20
40
28
40
SCHOTTKY BARRIER RECTIFIERS 1.0A MPERES 20~40 VOLTS
PSD491
PSD490
3
2
1
1.06(2.70)
1.22(3.10)
.051(1.30)
0.67(1.70)
.089(2.25)
1.18(3.00)
.008(0.20)
.024(0.60)
0.00
.004(0.10)
.039(1.00)
.051(1.30)
.004(0.10)
.010(0.26)
.014(0.35)
.020(0.50)
.067(1.7)
.090(2.30)
.049(1.25)
.065(1.65)
SC-59
TOP VIEW
www.paceleader.tw


Similar Part No. - PSD490

ManufacturerPart #DatasheetDescription
logo
Powersolve Electronics ...
PSD40-050-02 POWERSOLVE-PSD40-050-02 Datasheet
197Kb / 1P
PSD40-65 Series 40-65 Watts Switch Mode Universal AC Input
PSD40-65 POWERSOLVE-PSD40-65 Datasheet
197Kb / 1P
PSD40-65 Series 40-65 Watts Switch Mode Universal AC Input
logo
PACELEADER INDUSTRIAL
PSD400 PACELEADER-PSD400 Datasheet
160Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Teledyne Technologies I...
PSD400125 TELEDYNE-PSD400125 Datasheet
89Kb / 4P
Surface Mount Analog Level Detector
logo
STMicroelectronics
PSD401A1 STMICROELECTRONICS-PSD401A1 Datasheet
657Kb / 123P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
More results

Similar Description - PSD490

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com