Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADN4604ASVZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADN4604ASVZ
Description  4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADN4604ASVZ Datasheet HTML 16Page - Analog Devices ADN4604ASVZ Datasheet HTML 17Page - Analog Devices ADN4604ASVZ Datasheet HTML 18Page - Analog Devices ADN4604ASVZ Datasheet HTML 19Page - Analog Devices ADN4604ASVZ Datasheet HTML 20Page - Analog Devices ADN4604ASVZ Datasheet HTML 21Page - Analog Devices ADN4604ASVZ Datasheet HTML 22Page - Analog Devices ADN4604ASVZ Datasheet HTML 23Page - Analog Devices ADN4604ASVZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
ADN4604
Rev. 0 | Page 20 of 40
Table 11 displays the TX Basic Control register. The TX Basic Control register consists of one byte (8 bits) for each of the 16 output
channels. Each TX Basic Control register has the same functionality. The mapping of register address to output channel is shown in the
first column.
Table 11. TX Basic Control Register
Address: Channel
Default
Register Name
Bit
Bit Name
Description
0x18: Broadcast,
0x20: Output 0,
0x21: Output 1,
0x22: Output 2,
0x23: Output 3,
0x24: Output 4,
0x25: Output 5,
0x26: Output 6,
0x27: Output 7,
0x28: Output 8,
0x29: Output 9,
0x2A: Output 10,
0x2B: Output 11,
0x2C: Output 12,
0x2D: Output 13,
0x2E: Output 14,
0x2F: Output 15
0x00
TX basic control
6
TX CTL SELECT
0: PE and output level control is derived from
common lookup table
1: PE and output level control is derived from per port
drive control registers
5:4
TX EN[1:0]
00: TX disabled, lowest power state
01: TX standby.
10: TX squelched.
11: TX enabled
3
Reserved
Reserved. Set to 0.
2:0
PE[2:0]
If TX CTL SELECT = 0, see Table 10
000: Table Entry 0
001: Table Entry 1
010: Table Entry 2
011: Table Entry 3
100: Table Entry 4
101: Table Entry 5
110: Table Entry 6
111: Table Entry 7
If TX CTL SELECT = 1, PE[2:0] are ignored
Table 12 displays the TX lookup table register. The TX lookup table register consists of two bytes (16 bits) for each of the eight possible
table entries selected by the PE[2:0] field in Table 11. The mapping of table entry to register address is shown in the first column. By
default, the TX Lookup Table register contains the preemphasis settings listed in Table 10, however, these values can be changed for a
flexible selection of output levels and preemphasis boosts. Table 13 lists a variety of possible output level and preemphasis boost settings
and the corresponding TX Drive 0 and TX Drive 1 codes.
Table 12. TX Lookup Table Registers
Address: Channel
Default
Register Name
Bit
Bit Name
Description
0x60: Table Entry 0
0xFF
TX Lookup
Table Drive 0
7
DRV EN1
0: Driver 1 disabled
1: Driver 1 enabled
0x62: Table Entry 1
0xFF
0x64: Table Entry 2
0xFF
6:4
DRV LV1[2:0]
Driver 1 current = decimal(DRV LV1[2:0]) + 1
0x66: Table Entry 3
0xFF
0x68: Table Entry 4
0xDC
3
DRV EN0
0: Driver 0 disabled
1: Driver 0 enabled
0x6A: Table Entry 5
0xBB
0x6C: Table Entry 6
0x99
2:0
DRV LV0[2:0]
Driver 0 current = decimal(DRV LV0[2:0]) + 1
0x6E: Table Entry 7
0x99
0x61: Table Entry 0
0x00
TX Lookup
Table Drive 1
7
DRV END
0: Driver D disabled
1: Driver D enabled
0x63: Table Entry 1
0x99
0x65: Table Entry 2
0xCC
6:4
DRV LVD[2:0]
Driver D Current = decimal(DRV LVD[2:0]) + 1
0x67: Table Entry 3
0xFF
0x69: Table Entry 4
0xFF
3
DRV EN2
0: Driver 2 disabled
1: Driver 2 enabled
0x6B: Table Entry 5
0xFF
0x6D: Table Entry 6
0xDD
2:0
DRV LV2[2:0]
Driver 2 current = decimal(DRV LV2[2:0]) + 1
0x6F: Table Entry 7
0xDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com