Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADN4604ASVZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADN4604ASVZ
Description  4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADN4604ASVZ Datasheet HTML 21Page - Analog Devices ADN4604ASVZ Datasheet HTML 22Page - Analog Devices ADN4604ASVZ Datasheet HTML 23Page - Analog Devices ADN4604ASVZ Datasheet HTML 24Page - Analog Devices ADN4604ASVZ Datasheet HTML 25Page - Analog Devices ADN4604ASVZ Datasheet HTML 26Page - Analog Devices ADN4604ASVZ Datasheet HTML 27Page - Analog Devices ADN4604ASVZ Datasheet HTML 28Page - Analog Devices ADN4604ASVZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
ADN4604
Rev. 0 | Page 25 of 40
I2C DATA READ
To read data from the ADN4604 register set, a microcontroller,
or any other I2C master must send the appropriate control
signals to the ADN4604 slave device. The steps are listed below;
the signals are controlled by the I2C master, unless otherwise
specified. A diagram of the procedure is shown in Figure 47.
1.
Send a start condition (while holding the SCL line high,
pull the SDA line low).
2.
Send the ADN4604 part address (seven bits) whose upper
five bits are the static value b10010 and whose lower two
bits are controlled by the input pins ADDR1 and ADDR0.
This transfer should be MSB first.
3.
Send the write indicator bit (0).
4.
Wait for the ADN4604 to acknowledge the request.
5.
Send the register address (eight bits) from which data is to
be read. This transfer should be MSB first. The register
address is kept in memory in the ADN4604 until the part
is reset or the register address is written over with the same
procedure (Step 1 to Step 6).
6.
Wait for the ADN4604 to acknowledge the request.
7.
Send a repeated start condition (while holding the SCL line
high, pull the SDA line low).
8.
Send the ADN4604 part address (seven bits) whose upper
five bits are the static value b10010 and whose lower two
bits are controlled by the input pins ADDR1 and ADDR0.
This transfer should be MSB first.
9.
Send the read indicator bit (1).
10. Wait for the ADN4604 to acknowledge the request.
11. The ADN4604 then serially transfers the data (eight bits)
held in the register indicated by the address set in Step 5.
12. Acknowledge the data.
13. Do one or more of the following:
a.
Send a stop condition (while holding the SCL line high
pull the SDA line high) and release control of the bus.
b.
Send a repeated start condition (while holding the
SCL line high, pull the SDA line low) and continue
with Step 2 of the write procedure (see the I2C Data
Write section) to perform a write.
c.
Send a repeated start condition (while holding the
SCL line high, pull the SDA line low) and continue
with Step 2 of this procedure to perform a read from
another address.
d.
Send a repeated start condition (while holding the
SCL line high, pull the SDA line low) and continue
with Step 8 of this procedure to perform a read from
the same address.
The ADN4604 read process is shown in Figure 47. The SCL
signal is shown along with a general read operation and a
specific example. In the example, Data 0x49 is read from
Address 0x6D of an ADN4604 part with a part address of 0x4B.
The part address is seven bits wide and is composed of the
ADN4604 static upper five bits (b10010) and the pin program-
mable lower two bits (ADDR1 and ADDR0). In this example,
the ADDR1 and ADDR0 bits are set to b01. In Figure 47, the
corresponding step number is visible in the circle under the
waveform. The SCL line is driven by the I2C master and never
by the ADN4604 slave. As for the SDA line, the data in the
shaded polygons is driven by the ADN4604, whereas the data in
the nonshaded polygons is driven by the I2C master. The end
phase case shown is that of 13a.
Note that the SDA line only changes when the SCL line is low,
except for the case of sending a start, stop, or repeated start
condition, as in Step 1, Step 7, and Step 13. In Figure 47, A is
the same as ACK in Figure 46. Equally, Sr represents a repeated
start where the SDA line is brought high before SCL is raised.
SDA is then dropped while SCL is still high.
SCL
SDA
SDA
EXAMPLE
b10010
A
A
Sr
DATA
A
STOP
REGISTER ADDR
START
ADDR
[1:0]
ADDR
[1:0]
b10010
R/
W
A
R/
W
1
2
2
3
4
5
6
7
8
8
9
10
11
12
13a
Figure 47. I2C Read Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com