Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP1043A Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1043A
Description  Digital Controller for Isolated Power Supply Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1043A Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1043A Datasheet HTML 13Page - Analog Devices ADP1043A Datasheet HTML 14Page - Analog Devices ADP1043A Datasheet HTML 15Page - Analog Devices ADP1043A Datasheet HTML 16Page - Analog Devices ADP1043A Datasheet HTML 17Page - Analog Devices ADP1043A Datasheet HTML 18Page - Analog Devices ADP1043A Datasheet HTML 19Page - Analog Devices ADP1043A Datasheet HTML 20Page - Analog Devices ADP1043A Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
ADP1043A
Rev. 0 | Page 17 of 72
OrFET Operation Examples
Hot Plug into a Live Bus
A new PSU is plugged into a live 12 V bus (yellow). The internal
voltage VS1 (red) is ramped up before the OrFET is turned on.
After the OrFET is turned on (green), current in the new PSU
begins to flow to the load (blue). The turn-on voltage threshold
between the new PSU and the bus is programmable.
CH2 2.00V
CH4 10.0V
CH1 2.00V
CH3 2.00A
M10.0ms
A CH4
100mV
2
3
4
CS2
VS3
VS1
OrFET
Figure 17. Hot Plug into a Live Bus (Yellow Is Bus Voltage; Red Is VS1 Voltage;
Green Is OrFET Control Signal; Blue Is Load Current)
Runaway Master
A rogue PSU on the bus (yellow) has a fault condition, and the
result is that the bus voltage increases above the OVP threshold.
The good PSU turns off the OrFET (green) and regulates its
internal voltage VS1 (red). When the rogue power supply fault
condition is removed, the bus voltage decreases. The OrFET of
the good PSU is immediately turned on and the good PSU
resumes regulating from VS3.
CH2 2.00V
CH4 10.0V
CH1 2.00V
CH3 2.00A
M50.0ms
A CH4
0mV
3
4
CS2
VS3
VS1
OrFET
Figure 18. Runaway Master (Yellow Is Bus Voltage; Red Is VS1 Voltage;
Green Is OrFET Control Signal; Blue Is Load Current)
Short Circuit
When one of the output rectifiers fails, the bus voltage can
collapse if the OrFET is not promptly turned off. The fast
OrFET comparator is used to protect the system from this fault
event. Figure 19 shows a short circuit applied to the output
capacitors, before the OrFET. After the fast OrFET threshold for
CS2 (blue) is triggered, the OrFET (green) is turned off. In this
case, the gate driver is not very fast and takes about 500 ns. (A
larger buffer to drive the OrFET would turn it off quicker.)
Figure 19 also shows the operation when the short circuit is
removed. The internal regulation point, VS1 (red), returns to
12 V, and the OrFET (green) is reenabled. The PSU again begins
to contribute current to the load (blue).
CH2 2.00V
CH4 10.0V
CH1 2.00V
CH3 2.00A
M200.0ms
A CH4
7.5mV
3
4
CS2
VS3
OrFET
VS1
Figure 19. Internal Short Circuit (Yellow Is Bus Voltage; Red Is VS1 Voltage;
Green Is OrFET Control Signal; Blue Is Load Current)
Light Load Mode Operation
PSU 1 increases its voltage at light load from 12 V to 12.1 V
(yellow). Both PSU 1 and PSU 2 are CCM, so PSU 1 sources
current and PSU 2 sinks current (blue). In PSU 2, after 10 ms
the accurate OrFET control turns off the OrFET to prevent
reverse current from flowing. Note that the OrFET voltage
(green) is solid during this transition because PSU 1 and PSU 2
are in CCM mode.
CH2 2.00V
CH4 10.0V
CH1 2.00V
CH3 2.00A
M5.0ms
A CH4
8.3mV
3
4
CS2
VS3
OrFET
VS1
Figure 20. Light Load Mode (Yellow Is Bus Voltage; Red Is VS1 Voltage;
Green Is OrFET Control Signal; Blue Is Load Current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com