Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P9S12XS64J1VAL Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # P9S12XS64J1VAL
Description  HCS12 Microcontrollers
PDF  736 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XS64J1VAL Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button P9S12XS64J1VAL Datasheet HTML 70Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 71Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 72Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 73Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 74Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 75Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 76Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 77Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 736 page
background image
Port Integration Module (S12XSPIMV1)
S12XS Family Reference Manual, Rev. 1.09
74
Freescale Semiconductor
2.3.5
Port A Data Direction Register (DDRA)
2.3.6
Port B Data Direction Register (DDRB)
Address 0x0002 (PRR)
Access: User read/write1
1 Read: Anytime. The data source depends on the data direction value.
Write: Anytime.
76543210
R
DDRA7
DDRA6
DDRA5
DDRA4
DDRA3
DDRA2
DDRA1
DDRA0
W
Reset
00000000
Figure 2-3. Port A Data Direction Register (DDRA)
Table 2-6. DDRA Register Field Descriptions
Field
Description
7-0
DDRA
Port A Data Direction—
This bit determines whether the associated pin is an input or output.
1 Associated pin configured as output
0 Associated pin configured as input
Address 0x0003 (PRR)
Access: User read/write1
1 Read: Anytime. The data source depends on the data direction value.
Write: Anytime.
76543210
R
DDRB7
DDRB6
DDRB5
DDRB4
DDRB3
DDRB2
DDRB1
DDRB0
W
Reset
00000000
Figure 2-4. Port B Data Direction Register (DDRB)
Table 2-7. DDRB Register Field Descriptions
Field
Description
7-0
DDRB
Port B Data Direction—
This bit determines whether the associated pin is an input or output.
1 Associated pin configured as output
0 Associated pin configured as input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com