Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P9S12XS64J1VAL Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # P9S12XS64J1VAL
Description  HCS12 Microcontrollers
PDF  736 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XS64J1VAL Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button P9S12XS64J1VAL Datasheet HTML 77Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 78Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 79Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 80Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 81Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 82Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 83Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 84Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 736 page
background image
Port Integration Module (S12XSPIMV1)
S12XS Family Reference Manual, Rev. 1.09
Freescale Semiconductor
81
2.3.14
IRQ Control Register (IRQCR)
2.3.15
PIM Reserved Register PIMTEST1
This register is reserved for factory testing of the PIM module and is not available in normal operation.
Writing to this register when in special modes can alter the pin functionality.
Address 0x001E
Access: User read/write1
1 Read: See individual bit descriptions below.
Write: See individual bit descriptions below.
76543210
R
IRQE
IRQEN
000000
W
Reset
01000000
= Unimplemented or Reserved
Figure 2-12. IRQ Control Register (IRQCR)
Table 2-13. IRQCR Register Field Descriptions
Field
Description
7
IRQE
IRQ select edge sensitive only—
Special mode: Read or write anytime.
Normal mode: Read anytime, write once.
1 IRQ configured to respond only to falling edges. Falling edges on the IRQ pin will be detected anytime IRQE=1
and will be cleared only upon a reset or the servicing of the IRQ interrupt.
0 IRQ configured for low level recognition.
6
IRQEN
IRQ enable—
Read or write anytime.
1 IRQ pin is connected to interrupt logic.
0 IRQ pin is disconnected from interrupt logic.
1. Implementation pim_xe.01.01 and later
Address 0x001F
Access: User read1
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 2-13. PIM Reserved Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com