Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4100 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 2 Page - Linear Technology

  LTC4100_09 Datasheet HTML 1Page - Linear Technology LTC4100_09 Datasheet HTML 2Page - Linear Technology LTC4100_09 Datasheet HTML 3Page - Linear Technology LTC4100_09 Datasheet HTML 4Page - Linear Technology LTC4100_09 Datasheet HTML 5Page - Linear Technology LTC4100_09 Datasheet HTML 6Page - Linear Technology LTC4100_09 Datasheet HTML 7Page - Linear Technology LTC4100_09 Datasheet HTML 8Page - Linear Technology LTC4100_09 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC4100
2
4100fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Voltage from VDD to GND................................. 7V/–0.3V
Voltage from CHGEN, DCDIV, SDA,
SCL and SMBALERT to GND ............................ 7V/–0.3V
Voltage from DCIN, CLP, CLN to GND ............ 32V/–0.3V
Voltage from CLP to CLN .......................................±0.3V
PGND wrt. GND .................................................... ±0.3V
CSP, BAT to GND............................................... 28V/–5V
Operating Ambient Temperature Range (Note 4)
.................................................................– 40°C to 85°C
Junction Temperature Range ................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
G PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
CLP
CLN
BAT
CSP
IDC
ITH
VSET
VDD
THA
THB
VLIM
ILIM
TGATE
PGND
BGATE
INFET
DCIN
CHGEN
SMBALERT
SDA
SCL
ACP
DCDIV
GND
TJMAX = 125°C, θJA = 90°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4100EG#PBF
LTC4100EG#TRPBF
LTC4100EG
24-Lead Plastic SSOP
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4100EG
LTC4100EG#TR
LTC4100EG
24-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DCIN Operating Range
628
V
IDCIN
DCIN Operating Current
Charging, Sum of Currents on DCIN,
CLP and CLN
35
mA
VTOL
Charge Voltage Accuracy
(Note 2)
–0.8
–1
0.8
1
%
%
ITOL
Charge Current Accuracy (Note 3)
VCSP – VBAT Target = 102.3mV
IDAC = 0xFFFF
–4
–5
4
5
%
%
VDD
VDD Operating Voltage
0V ≤ VDCIN ≤ 28V
3
5.5
V
Shutdown
Battery Leakage Current
DCIN = 0V, VCLP = VCLN = VCSP = VBAT
15
35
μA
UVLO
Undervoltage Lockout Threshold
DCIN Rising, VBAT = 0V
4.2
4.7
5.5
V
VDD Power-Fail
Part Held in Reset Until this VDD Present
3V
DCIN Current in Shutdown
VCHGEN = 0V
2
3
mA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 20V, VDD = 3.3V, VBAT = 12V unless otherwise noted. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com