| Electronic Components Datasheet Search |
|
56F8166 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8166 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc |
|
33 / 182 page ![]() Signal Pins 56F8366 Technical Data, Rev. 7 Freescale Semiconductor 33 Preliminary PWMA0 62 Output In reset, output is disabled PWMA0 - 5 — These are six PWMA outputs. PWMA1 64 PWMA2 65 PWMA3 67 PWMA4 68 PWMA5 70 ISA0 (GPIOC8) 113 Schmitt Input Schmitt Input/ Output Input, pull-up enabled ISA0 - 2 — These three input current status pins are used for top/bottom pulse width correction in complementary channel operation for PWMA. Port C GPIO — These three GPIO pins can be individually programmed as input or output pins. In the 56F8366, these pins default to ISA functionality after reset. In the 56F8166, the default state is not one of the functions offered and must be reconfigured. To deactivate the internal pull-up resistor, clear the appropriate bit of the GPIOC_PUR register. For details, see Part 6.5.8. ISA1 (GPIOC9) 114 ISA2 (GPIOC10) 115 FAULTA0 71 Schmitt Input Input, pull-up enabled FAULTA0 - 2 — These three fault input pins are used for disabling selected PWMA outputs in cases where fault conditions originate off-chip. To deactivate the internal pull-up resistor, set the PWMA0 bit in the SIM_PUDR register. For details, see Part 6.5.8. FAULTA1 73 FAULTA2 74 PWMB0 34 Output In reset, output is disabled PWMB0 - 5 — Six PWMB output pins. PWMB1 35 PWMB2 36 PWMB3 39 PWMB4 40 PWMB5 41 Table 2-2 Signal and Package Information for the 144-Pin LQFP Signal Name Pin No. Type State During Reset Signal Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |