Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

56F8166 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 56F8166
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8166 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 56F8166 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 182 page
background image
Architecture Block Diagram
56F8366 Technical Data, Rev. 7
Freescale Semiconductor
11
Preliminary
Figure 1-1 System Bus Interfaces
Note:
Flash memories are encapsulated within the Flash Memory (FM) Module. Flash control is
accomplished by the I/O to the FM over the peripheral bus, while reads and writes are completed
between the core and the Flash memories.
Note:
The primary data RAM port is 32 bits wide. Other data ports are 16 bits.
Program
RAM
56800E
Program
Flash
Data RAM
EMI
Data Flash
IPBus
Bridge
Boot
Flash
Flash
Memory
Module
CHIP
TAP
Controller
TAP
Linking
Module
JTAG / EOnCE
5
pab[20:0]
pdb_m[15:0]
cdbw[31:0]
xab1[23:0]
xab2[23:0]
cdbr_m[31:0]
xdb2_m[15:0]
17
16
6
External
JTAG
Port
To Flash
Con trol Logic
IPBus
Data
Address
Control
NOT available on the 56F8166 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com