Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2512Ai-AEZG Datasheet(PDF) 20 Page - SMSC Corporation

Part # USB2512Ai-AEZG
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512Ai-AEZG Datasheet(HTML) 20 Page - SMSC Corporation

Back Button USB2512Ai-AEZG Datasheet HTML 16Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 17Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 18Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 19Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 20Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 21Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 22Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 23Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
20
SMSC USB251x
DATASHEET
PRTPWR[1]
USB Port
Power Enable
12
15
29
PRTPWR[2]
16
19
26
PRTPWR[3]
-
18
21
23
PRTPWR[4]
-
20
-
27
20
PRTPWR[5]
-
30
PRTPWR[6]
-
39
PRTPWR[7]
-
36
PRTPWR_POL
Port Power
Polarity
Strapping
-38
-
PRTSWP[1]
Port Swap
Strapping
Option
-37
51
PRTSWP[2]
-
25
49
PRTSWP[3]
-
23
47
PRTSWP[4]
-
13
33
PRTSWP[5]
-
31
PRTSWP[6]
-
17
PRTSWP[7]
-
15
RBIAS
USB
Transceiver
Bias
35
47
63
RESET_N
Reset Input
26
34
43
SCL
Serial Clock
24
31
41
SDA
Serial Data
Signal
22
29
40
SEL48
Select 48 MHz
Clock Input
-40
-
SMBCLK
System
Management
Bus Clock
24
31
41
SMBDATA
Server
Message Block
Data Signal
22
29
40
SUSP_IND
Active/Suspend
Status Indicator
28
39
45
TEST
Test Pin
11
14
19
USBDM_UP
USB Bus Data
30
42
58
USBDP_UP
31
43
59
Table 5.1 Pin List in Alphabetical Order (continued)
SYMBOL
NAME
PIN NUMBERS
36 QFN
48QFN
64 QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com