Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2512Ai-AEZG Datasheet(PDF) 32 Page - SMSC Corporation

Part # USB2512Ai-AEZG
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512Ai-AEZG Datasheet(HTML) 32 Page - SMSC Corporation

Back Button USB2512Ai-AEZG Datasheet HTML 28Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 29Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 30Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 31Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 32Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 33Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 34Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 35Page - SMSC Corporation USB2512Ai-AEZG Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
32
SMSC USB251x
DATASHEET
behaviors provide battery charging even when the hub is not enumerated and protect the hub from
sustained short circuit conditions. If the short circuit condition persists when the hub is plugged into a
host system the user is notified that a port has an over-current condition. Otherwise the PRTPWR is
turned on by the host system and the port operates normally.
7.3
Battery Charging Configuration
Configuration of ports to support battery charging is done through a strap option on the corresponding
ports PRTPWR[x] / BC_EN[x] pin. see Chapter 5, Pin Descriptions, or through EEPROM or SMBus
configuration load.
7.3.1
Battery Charging enabled via EEPROM or SMBus
Register memory map location 0xD0 is allocated for battery charging support. The "Battery Charging"
register at location 0xD0 starting from Bit 1 enables battery charging for each downstream port when
asserted. Bit 1 represents port 1 and so on. Each port with battery charging enabled asserts the
corresponding PRTPWR[x:0] pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com