Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EUP2539 Datasheet(PDF) 9 Page - Eutech Microelectronics Inc

Part # EUP2539
Description  10 White LED Boost Converter In Thin TSOT-23 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2539 Datasheet(HTML) 9 Page - Eutech Microelectronics Inc

Back Button EUP2539 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 11Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EUP2539
DS2539
Ver1.1
Apr. 2009
9
0
5
10
15
20
25
0
10203040
50
60
70
8090 100
PWM Duty Cycle (%)
0.2
0.4
0.6
0.8
1
3
3.5
4
4.5
5
Input Voltage (V)
-40℃
-25℃
85℃
125℃
Figure 6. Filtered PWM Dimming Control
Filtered PWM Dimming (0V to 2.5V)
Figure 7.
Open Load Shutdown
In the event of an “Open LED” fault condition, the
EUP2539 will continue to boost the output voltage with
maximum power until the output voltage reaches
approximately 38V. Once the output exceeds this level,
the device will cease operation until the EN pin is cycled
off and on.
Figure 8. Open LED Protection
Shutdown Voltage vs. Input Voltage
Figure 9.
Enable to Open LED Waveforms
Figure 10.
Thermal Shutdown
Thermal overload protection circuitry has been included
to prevent the device from operating at unsafe junction
temperatures above 150ºC. In the event of a thermal
overload
condition
the
device
will
automatically
shutdown and wait till the junction temperatures cools to
130ºC before normal operation is resumed.
Capacitors Selection
A 4.7µF to 10µF ceramic input capacitor (CIN) and a
0.22µF to 4.7µF ceramic output capacitor (COUT) are
sufficient for most applications. During Direct PWM
Dimming
control,
a
larger
output
capacitor
will
significantly reduce audio noise induced by output
capacitor, and a smaller will enlarge the audio noise, a
2.2uF COUT is recommended. Under normal condition, a
4.7µF input capacitor is sufficient. For applications with
higher output power, a larger input capacitor of 10µF
may be appropriate. X5R and X7R capacitor types are
ideal due to their stability across temperature range.
VEN
2V/div
VOUT
20V/div
SW
20V/div
50.0µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com