Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EUP2539 Datasheet(PDF) 4 Page - Eutech Microelectronics Inc

Part # EUP2539
Description  10 White LED Boost Converter In Thin TSOT-23 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2539 Datasheet(HTML) 4 Page - Eutech Microelectronics Inc

  EUP2539 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP2539 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EUP2539
DS2539
Ver1.1
Apr. 2009
4
Absolute Maximum Ratings (1)
IN, EN, FB to GND ------------------------------------------------------------------
-0.3V to 6V
SW to GND ---------------------------------------------------------------------------
-0.3V to 40V
Power dissipation, PD@ TA=25°C
TSOT23-5 -----------------------------------------------------------------------------
0.4W
Package Thermal Resistance
TSOT23-5,θJA -----------------------------------------------------------------------
220°C/W
Maximum Junction Temperature ---------------------------------------------------
125°C
Lead Temperature (Soldering, 10sec.) ---------------------------------------------
260°C
Storage Temperature Range ---------------------------------------------------------
-65°C to +150°C
Operating Conditions (2)
Operating Temperature Range ----------------------------------------------------
-40°C to +85°C
Supply Voltage , VIN-----------------------------------------------------------------
2.6V to 5.5V
Note (1): Stress beyond those listed under “Absolute Maximum Ratings” may damage the device.
Note (2): The device is not guaranteed to function outside the recommended operating conditions.
Electrical Characteristics
(VIN =3.6V, VOUT=34V, COUT=0.22µF, CIN=4.7µF, L1=47µH, RFB=15Ω,TA= -40°C to+85°C. Unless otherwise noted.
Typical values are at TA= +25°C)
EUP2539
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
UVLO
Under Voltage Lock Out
Rising
2.2
2.4
2.6
V
Maximum Output Voltage
No Switching
40
V
ICC1
Supply Current
VCC=5.5V, Continuous Switching
1.7
2.6
mA
ICC2
Quiescent Current
VCC=5.5V, FB=1.3V, No Switching
130
170
µA
ICC3
Shutdown current
VCC=5.5V, VEN<0.4V
0.1
1
µA
Oscillator
Fosc
Operation Frequency
0.8
1
1.3
MHz
Dmax
Maximum Duty Cycle
92
%
Reference Voltage
VFB
Feedback Voltage
285
300
315
mV
MOSFET
Rds (on) On resistance of MOSFET
1
2
Ω
ILX
Current Limit
0.5
0.75
1.6
A
Control and Protection
VEN1
Shutdown Voltage
0.4
0.7
V
VEN2
Enable Voltage
0.7
1.2
V
IEN
EN Pin Pull Low Current
0.1
1
µA
OVP
OVP Threshold
37
38.5
40
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com