Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT88SC0404C Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT88SC0404C
Description  CryptoMemory 4 Kbit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0404C Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT88SC0404C_09 Datasheet HTML 9Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 10Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 11Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 12Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 13Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 14Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 15Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 16Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AT88SC0404C
13
2023KS–SMEM–10/09
12.
Password Verification
Passwords may be used to protect read and/or write access of any user zone. When a valid password is presented, it
is memorized and active until power is turned off, unless a new password is presented or RST becomes active. There
are eight password sets that may be used to protect any user zone. Only one password is active at a time, but write
passwords give read access also.
12.1.
Authentication Protocol
The access to a user zone may be protected by an authentication protocol. Any one of four keys may be selected to
use with a user zone.
The authentication success is memorized and active as long as the chip is powered, unless a new authentication is
initialized or RST becomes active. If the new authentication request is not validated, the card loses its previous
authentication and it should be presented again. Only the last request is memorized.
Note
:
Password and authentication may be presented at any time and in any order. If the trials limit has been
reached (after four consecutive incorrect attempts), the password verification or authentication process will not
be taken into account.
Figure 13.
Password and Authentication Operations
Device (Card)
Card Number
VERIFY A
COMPUTE Challenge B
Challenge B
VERIFY RPW
DATA
Checksum (CS)
VERIFY WPW
VERIFY CS
Write DATA
Host (Reader)
COMPUTE Challenge A
Challenge A
VERIFY B
Read Password (RPW)
VERIFY CS
Write Password (WPW)
DATA
CS
AUTHENTICATION
READ ACCESS
WRITE ACCESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com