Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT88SC0404C Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT88SC0404C
Description  CryptoMemory 4 Kbit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0404C Datasheet(HTML) 3 Page - ATMEL Corporation

  AT88SC0404C_09 Datasheet HTML 1Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 2Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 3Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 4Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 5Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 6Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 7Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 8Page - ATMEL Corporation AT88SC0404C_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AT88SC0404C
3
2023KS–SMEM–10/09
Figure 2.
Block Diagram
Random
Generator
Authentication,
Encryption and
Certification Unit
EEPROM
Answer to Reset
Data Transfer
Password
Verification
Reset Block
Asynchronous
ISO Interface
Synchronous
Interface
Power
Management
VCC
GND
SCL/CLK
SDA/IO
RST
2.
Pin Descriptions
2.1.
Supply Voltage (VCC)
The VCC input is a 2.7V to 5.5V positive voltage supplied by the host.
2.2.
Clock (SCL/CLK)
In the asynchronous T = 0 protocol, the SCL/CLK input is used to provide the device with a carrier frequency f. The
nominal length of one bit emitted on I/O is defined as an “elementary time unit” (ETU) and is equal to 372/ f. When the
synchronous protocol is used, the SCL/CLK input is used to positive edge clock data into the device and negative edge
clock data out of the device.
2.3.
Reset (RST)
The AT88SC0404C provides an ISO 7816-3 compliant asynchronous answer to reset sequence. When the reset
sequence is activated, the device will output the data programmed into the 64-bit answer-to-reset register. An internal
pull-up on the RST input pad allows the device to be used in synchronous mode without bonding RST. The
AT88SC0404C does not support the synchronous answer-to-reset sequence.
2.4.
Serial Data (SDA/IO)
The SDA pin is bidirectional for serial data transfer. This pin is open-drain driven and may be wired with any number of
other open drain or open collector devices. An external pull-up resistor should be connected between SDA and VCC.
The value of this resistor and the system capacitance loading the SDA bus will determine the rise time of SDA. This
rise time will determine the maximum frequency during read operations. Low value pull-up resistors will allow higher
frequency operations while drawing higher average power. SDA/IO information applies to both asynchronous and
synchronous protocols.
When the synchronous protocol is used, the SCL/CLK input is used to positive edge clock data into the device and
negative edge clock data out of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com