Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega162-16PI Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 13Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 14Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 15Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 16Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 17Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 18Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 19Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 20Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 324 page
background image
17
2513K–AVR–07/09
ATmega162/V
AVR
ATmega162
Memories
This section describes the different memories in the ATmega162. The AVR architecture has two
main memory spaces, the Data Memory and the Program Memory space. In addition, the
ATmega162 features an EEPROM Memory for data storage. All three memory spaces are linear
and regular.
In-System
Reprogrammable
Flash Program
Memory
The ATmega162 contains 16K bytes On-chip In-System Reprogrammable Flash memory for
program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is organized as 8K
x 16. For software security, the Flash Program memory space is divided into two sections, Boot
Program section and Application Program section.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The ATmega162
Program Counter (PC) is 13 bits wide, thus addressing the 8K program memory locations. The
operation of Boot Program section and associated Boot Lock bits for software protection are
described in detail in “Boot Loader Support – Read-While-Write Self-programming” on page 217.
“Memory Programming” on page 231 contains a detailed description on Flash data serial down-
loading using the SPI pins or the JTAG interface.
Constant tables can be allocated within the entire program memory address space (see the LPM
– Load Program Memory instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execution Tim-
ing” on page 14.
Figure 8. Program Memory Map
(1)
Note:
1. The address reflects word addresses.
0x0000
0x1FFF
Program Memory
Application Flash Section
Boot Flash Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com