Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega162-16PI Datasheet(PDF) 47 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 43Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 44Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 45Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 46Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 47Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 48Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 49Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 50Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 324 page
background image
47
2513K–AVR–07/09
ATmega162/V
System Control
and Reset
Resetting the AVR
During Reset, all I/O Registers are set to their initial values, and the program starts execution
from the Reset Vector. The instruction placed at the Reset Vector must be a JMP – Absolute
Jump – instruction to the reset handling routine. If the program never enables an interrupt
source, the Interrupt Vectors are not used, and regular program code can be placed at these
locations. This is also the case if the Reset Vector is in the Application section while the Interrupt
Vectors are in the Boot section or vice versa. The circuit diagram in Figure 21 shows the Reset
Logic. Table 18 defines the electrical parameters of the reset circuitry.
The I/O ports of the AVR are immediately reset to their initial state when a reset source goes
active. This does not require any clock source to be running.
After all reset sources have gone inactive, a delay counter is invoked, stretching the Internal
Reset. This allows the power to reach a stable level before normal operation starts. The Time-
out period of the delay counter is defined by the user through the CKSEL Fuses. The different
selections for the delay period are presented in “Clock Sources” on page 36.
Reset Sources
The ATmega162 has five sources of reset:
•
Power-on Reset. The MCU is reset when the supply voltage is below the Power-on Reset
threshold (V
POT).
•
External Reset. The MCU is reset when a low level is present on the RESET pin for longer
than the minimum pulse length.
•
Watchdog Reset. The MCU is reset when the Watchdog Timer period expires and the
Watchdog is enabled.
•
Brown-out Reset. The MCU is reset when the supply voltage V
CC is below the Brown-out
Reset threshold (V
BOT) and the Brown-out Detector is enabled. The device is guaranteed to
operate at maximum frequency for the V
CC voltage down to VBOT. VBOT must be set to the
corresponding minimum voltage of the device (i.e., minimum V
BOT for ATmega162V is 1.8V).
•
JTAG AVR Reset. The MCU is reset as long as there is a logic one in the Reset Register,
one of the scan chains of the JTAG system. Refer to the section “IEEE 1149.1 (JTAG)
Boundary-scan” on page 204 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com