| Electronic Components Datasheet Search |
|
R5F2136CANFA Datasheet(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2136CANFA Datasheet(HTML) 10 Page - Renesas Technology Corp |
|
10 / 57 page ![]() R8C/36A Group 1. Overview REJ03B0265-0110 Rev.1.10 Sep 28, 2009 Page 10 of 55 Under development Preliminary specification Specifications in this manual are tentative and subject to change. I: Input O: Output I/O: Input and output Table 1.7 Pin Functions (2) Item Pin Name I/O Type Description SSU SSI I/O Data I/O pin. SCS I/O Chip-select signal I/O pin. SSCK I/O Clock I/O pin. SSO I/O Data I/O pin. I2C bus SCL I/O Clock I/O pin SDA I/O Data I/O pin Reference voltage input VREF I Reference voltage input pin to A/D converter. A/D converter AN0 to AN11 I Analog input pins to A/D converter. ADTRG I AD external trigger input pin. D/A converter DA0, DA1 O D/A converter output pins. Comparator A LVCMP1, LVCMP2 I Comparator A analog voltage input pins. LVREF I Comparator A reference voltage input pin. LVCOUT1, LVCOUT2 O Comparator A output pins. Comparator B IVCMP1, IVCMP3 I Comparator B analog voltage input pins. IVREF1, IVREF3 I Comparator B reference voltage input pins. Voltage detection circuit LVCMP2 I Detection voltage input pin for voltage detection 2. I/O port P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P4_3 to P4_7, P5_0 to P5_4, P5_6, P5_7, P6_0 to P6_7, P8_0 to P8_6 I/O CMOS I/O ports. Each port has an I/O select direction register, allowing each pin in the port to be directed for input or output individually. Any port set to input can be set to use a pull-up resistor or not by a program. Input port P4_2 I Input-only ports. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |