Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F2136CANFA Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R5F2136CANFA
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CANFA Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R5F2136CANFA Datasheet HTML 12Page - Renesas Technology Corp R5F2136CANFA Datasheet HTML 13Page - Renesas Technology Corp R5F2136CANFA Datasheet HTML 14Page - Renesas Technology Corp R5F2136CANFA Datasheet HTML 15Page - Renesas Technology Corp R5F2136CANFA Datasheet HTML 16Page - Renesas Technology Corp R5F2136CANFA Datasheet HTML 17Page - Renesas Technology Corp R5F2136CANFA Datasheet HTML 18Page - Renesas Technology Corp R5F2136CANFA Datasheet HTML 19Page - Renesas Technology Corp R5F2136CANFA Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
R8C/36A Group
4. Special Function Registers (SFRs)
REJ03B0265-0110 Rev.1.10 Sep 28, 2009
Page 16 of 55
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Table 4.2
SFR Information (2) (1)
X: Undefined
Notes:
1. The blank areas are reserved and cannot be accessed by users.
2. Selectable by the IICSEL bit in the SSUIICSR register.
Address
Register
Symbol
After Reset
003Ah
Voltage Monitor 2 Circuit Control Register
VW2C
10000010b
003Bh
003Ch
003Dh
003Eh
003Fh
0040h
0041h
Flash Memory Ready Interrupt Control Register
FMRDYIC
XXXXX000b
0042h
0043h
0044h
0045h
0046h
INT4 Interrupt Control Register
INT4IC
XX00X000b
0047h
Timer RC Interrupt Control Register
TRCIC
XXXXX000b
0048h
Timer RD0 Interrupt Control Register
TRD0IC
XXXXX000b
0049h
Timer RD1 Interrupt Control Register
TRD1IC
XXXXX000b
004Ah
Timer RE Interrupt Control Register
TREIC
XXXXX000b
004Bh
UART2 Transmit Interrupt Control Register
S2TIC
XXXXX000b
004Ch
UART2 Receive Interrupt Control Register
S2RIC
XXXXX000b
004Dh
Key Input Interrupt Control Register
KUPIC
XXXXX000b
004Eh
A/D Conversion Interrupt Control Register
ADIC
XXXXX000b
004Fh
SSU Interrupt Control Register/IIC bus Interrupt Control Register (2)
SSUIC/IICIC
XXXXX000b
0050h
Timer RF Compare 1 Interrupt Control Register
CMP1IC
XXXXX000b
0051h
UART0 Transmit Interrupt Control Register
S0TIC
XXXXX000b
0052h
UART0 Receive Interrupt Control Register
S0RIC
XXXXX000b
0053h
UART1 Transmit Interrupt Control Register
S1TIC
XXXXX000b
0054h
UART1 Receive Interrupt Control Register
S1RIC
XXXXX000b
0055h
INT2 Interrupt Control Register
INT2IC
XX00X000b
0056h
Timer RA Interrupt Control Register
TRAIC
XXXXX000b
0057h
0058h
Timer RB Interrupt Control Register
TRBIC
XXXXX000b
0059h
INT1 Interrupt Control Register
INT1IC
XX00X000b
005Ah
INT3 Interrupt Control Register
INT3IC
XX00X000b
005Bh
Timer RF Interrupt Control Register
TRFIC
XXXXX000b
005Ch
Timer RF Compare 0 Interrupt Control Register
CMP0IC
XXXXX000b
005Dh
INT0 Interrupt Control Register
INT0IC
XX00X000b
005Eh
UART2 Bus Collision Detection Interrupt Control Register
U2BCNIC
XXXXX000b
005Fh
Timer RF Capture Interrupt Control Register
CAPIC
XXXXX000b
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
006Bh
Timer RG Interrupt Control Register
TRGIC
XXXXX000b
006Ch
006Dh
006Eh
006Fh
0070h
0071h
0072h
Voltage Monitor 1/Compare A1 Interrupt Control Register
VCMP1IC
XXXXX000b
0073h
Voltage Monitor 2/Compare A2 Interrupt Control Register
VCMP2IC
XXXXX000b
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com