Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATXMEGA64A1 Datasheet(PDF) 64 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 60Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 61Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 62Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 63Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 64Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 65Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 66Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 67Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 99 page
background image
64
8067I–AVR–04/09
XMEGA A1
33. Electrical Characteristics
33.1
Absolute Maximum Ratings*
33.2
DC Characteristics
Operating Temperature.................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on any Pin with respect to Ground..-0.5V to V
CC+0.5V
Maximum Operating Voltage ............................................ 3.6V
DC Current per I/O Pin ............................................... 20.0 mA
DC Current
V
CC and GND Pins ................................ 200.0 mA
Table 33-1.
Current Consumption
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
ICC
Power Supply Current(1)
Active
32 kHz, Ext. Clk
VCC = 1.8V
TBD
µA
VCC = 3.0V
TBD
1 MHz, Ext. Clk
V
CC = 1.8V
365
VCC = 3.0V
790
2 MHz, Ext. Clk
VCC = 1.8V
690
V
CC = 3.0V
1400
2 MHz, Ext. Clk, T = 85°C
VCC = 1.8V
710
V
CC = 3.0V
1.45
mA
32 MHz, Ext. Clk
V
CC = 3.0V
18.35
32 MHz, Ext. Clk, T= 85°C
VCC = 3.0V
18.4
Idle
32 kHz, Ext. Clk
V
CC = 1.8V
TBD
µA
V
CC = 3.0V
TBD
1 MHz, Ext. Clk
VCC = 1.8V
135
V
CC = 3.0V
255
2 MHz, Ext. Clk
V
CC = 1.8V
270
VCC = 3.0V
510
2 MHz, Ext. Clk, T = 85°C
V
CC = 1.8V
275
V
CC = 3.0V
520
32 MHz, Ext. Clk
VCC = 3.0V
8.15
mA
32 MHz, Ext. Clk, T= 85°C
V
CC = 3.0V
8.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com