Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATXMEGA64A1 Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 81Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 82Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 83Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 84Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 85Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 86Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 87Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 88Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 99 page
background image
85
8067I–AVR–04/09
XMEGA A1
Problem fix/Workaround
Keep the amplified voltage output from the ADC gain stage below 2.4 V in order to get a cor-
rect result, or keep ADC voltage reference below 2.4 V.
4.
The ADC has up to ±2 LSB inaccuracy
The ADC will have up to ±2 LSB inaccuracy, visible as a saw-tooth pattern on the input volt-
age/ output value transfer function of the ADC. The inaccuracy increases with increasing
voltage reference reaching ±2 LSB with 3V reference.
Problem fix/Workaround
None, the actual ADC resolution will be reduced with up to ±2 LSB.
5.
TWI, a general address call will match independent of the R/W-bit value.
When the TWI is in Slave mode and a general address call is issued on the bus, the TWI
Slave will get an address match regardless of the R/W-bit (ADDR[0] bit) value in the Slave
Address Register.
Problem fix/Workaround
Use software to check the R/W-bit on general call address match.
6.
TWI, the minimum I2C SCL low time could be violated in Master Read mode
When the TWI is in Master Read mode and issuing a Repeated Start on the bus, this will
immediately release the SCL line even if one complete SCL low period has not passed. This
means that the minimum SCL low time in the I2C specification could be violated.
Problem fix/Workaround
If this causes a potential problem in the application, software must ensure that the Repeated
Start is never issued before one SCL low time has passed.
7.
TWI, the address-mask features is missing
The address-mask functionality is missing, so the TWI cannot perform address match on
more than one address.
Problem fix/Workaround
If the TWI must respond to multiple addresses, enable Promiscuous Mode for the TWI to
respond to all address and implementing the address-mask function in software
8.
Setting HIRES PR bit makes PWM output unavailable
Setting the HIRES Power Reduction (PR) bit for PORTx will make any Frequency or PWM
output for the corresponding Timer/Counters (TCx0 and TCx1) unavailable on the pin even if
the Hi-Res is not used.
Problem fix/Workaround
Do not write the HIRES PR bit on PORTx when frequency or PWM output from TCx0/1 is
used.
–
8x
gain:
300
mV
–
16x
gain:
150
mV
–
32x
gain:
75
mV
–
64x
gain:
38
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com