Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXZ4DF12N100 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXZ4DF12N100
Description  RF Power MOSFET & DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXZ4DF12N100 Datasheet(HTML) 3 Page - IXYS Corporation

  IXZ4DF12N100 Datasheet HTML 1Page - IXYS Corporation IXZ4DF12N100 Datasheet HTML 2Page - IXYS Corporation IXZ4DF12N100 Datasheet HTML 3Page - IXYS Corporation IXZ4DF12N100 Datasheet HTML 4Page - IXYS Corporation IXZ4DF12N100 Datasheet HTML 5Page - IXYS Corporation IXZ4DF12N100 Datasheet HTML 6Page - IXYS Corporation IXZ4DF12N100 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IXZ4DF12N100
RF Power MOSFET & DRIVER
Extended Output Characteristics @ 25°C
0
10
20
30
40
50
0
50
100
150
V
DS (V )
V
GS = V CC = 8V
V
GS = V CC = 15V and 20V
RDS(ON) vs. Temperature
ID = 0.5IDM
0
0.5
1
1.5
2
2.5
20
70
120
170
Tem perature (C)
Propagation Delay ON vs . Supply Voltage
ID = 0.5IDM
15
17
19
21
23
25
5
10
15
20
25
V
CC / V CCIN / IN (V )
Propagation Delay OFF vs. Supply Voltage
27.5
28
28.5
5
10
15
20
25
V
CC / VCCIN / IN (V)
Propagation Delay ON vs.Temperature
I
D = 0.5 IDM, V CC / V CCIN / IN = 15V
16
16.5
17
17.5
18
18.5
19
20
70
120
170
Temperature (°C)
Propagation Delay OFF vs. Temperature
ID = 0.5 IDM, VCC / VCCIN / IN = 15V
25
26
27
28
29
30
31
32
33
20
70
120
170
Tem perature °C
Fig. 2
Fig. 3
Fig. 4
Fig. 5
Fig. 6
Fig. 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com