Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

210751B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 210751B
Description  Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

210751B Datasheet(HTML) 2 Page - Integrated Technology Future

  210751B Datasheet HTML 1Page - Integrated Technology Future 210751B Datasheet HTML 2Page - Integrated Technology Future 210751B Datasheet HTML 3Page - Integrated Technology Future 210751B Datasheet HTML 4Page - Integrated Technology Future 210751B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bandpass Filter 210751B
Part No.
210751B
3. Specifications
Fo = 60.0 MHz
Terminating source impedance
: 50
Ω and matching network
Terminating load impedance
: 50
Ω and matching network
Operating temperature range :
-35℃ ~ +75℃
Minimum
Typical
Maximum
Center Frequency (Fc)
MHz
-
60.0
-
Insertion Loss
dB
-
9.5
10.5
1dB Bandwidth
MHz
6.8
7.1
-
3dB Bandwidth
MHz
7.3
7.6
-
40dB Bandwidth
MHz
-
9.7
10.2
Amplitude Ripple (Fo +/- 2.95 MHz)
dB
-
0.6
1.0
Group Delay Variation (Fo +/- 2.95 MHz)
nsec
-
80
120
Absolute Delay
usec
-
1.5
-
Ultimate Rejection
dB
40
45
-
Temperature Coefficient of Frequency (TCF)
ppm/°C
-
- 86
-
Room temperature
: + 25 ℃
Minimum
Typical
Maximum
Center Frequency
MHz
-
60.0
-
Amplitude Ripple (Fo +/- 3.2 MHz)
dB
-
0.6
1.0
Group Delay Variation (Fo +/- 3.2 MHz)
nsec
-
80
120
Rev. Date
2007-01-11
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ6027-CS01
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com