Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

210751B Datasheet(PDF) 3 Page - Integrated Technology Future

Part # 210751B
Description  Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

210751B Datasheet(HTML) 3 Page - Integrated Technology Future

  210751B Datasheet HTML 1Page - Integrated Technology Future 210751B Datasheet HTML 2Page - Integrated Technology Future 210751B Datasheet HTML 3Page - Integrated Technology Future 210751B Datasheet HTML 4Page - Integrated Technology Future 210751B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Bandpass Filter 210751B
Part No.
210751B
Notes :
1)
All specifications are based on the matching schematic shown below
2)
All specifications are measured by Agilent Network analyzer and full 2 port calibration
3)
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances
4)
All attenuation measurements are measured relative to insertion loss
4. Matching Schematic
( Actual matching values may vary due to PCB layout and parasitics )
L2
Output
50Ω
L1
Input
50Ω
L1 = 68 nH,
L2 = 68 nH
5. Marking Configuration
ITF
1) 07A0012)
210751B
3)
4)
1) Manufacturer name
2) Lot Number
3) Part Number
4) Pad Number 1 Index
Rev. Date
2007-01-11
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ6027-CS01
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com