Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP2127 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP2127
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2127 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2127_09 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2127
7
Oct. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
Data Sheet
Electrical Characteristics (Continued)
(VIN=2.5V (for 0.8V to 1.8V voltage versions), VIN=VOUT+1V (for 2.5V to 4.75V voltage versions), VIN=6V@VOUT=5.2V,
TA=25oC, CIN=1µF, COUT=1µF, Bold typeface applies over -40oC≤TA≤85oC, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Soft Start Time
tSS
50
µs
RMS Output Noise
VNOISE
TA=25oC, 10Hz ≤f≤100kHz,
VOUT=0.8V
60
µVrms
Shutdown "High" Voltage
Shutdown input voltage "High"
1.5
6
V
Shutdown "Low" Voltage
Shutdown input voltage "Low"
0
0.4
V
VOUT Discharge MOSFET
RDS(ON)
Shutdown input voltage "Low"
60
Ω
Shutdown Pull Down Resis-
tance
3M
Ω
Thermal Shutdown
165
oC
Thermal Shutdown Hysteresis
30
oC
Thermal Resistance
θJC
SOT-23-5
150
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com