Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP2127 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2127
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2127 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2127_09 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2127
1
Oct. 2009 Rev. 1.3
BCD Semiconductor Manufacturing Limited
Data Sheet
General Description
The AP2127 Series are positive voltage regulator ICs
fabricated by CMOS process.
The AP2127 Series have features of low dropout
voltage, low noise, high output voltage accuracy, and
low current consumption which make them ideal for
use in various battery-powered devices.
AP2127 has 1.0V, 1.2V, 1.5V, 1.8V, 2.5V, 2.8V, 3.0V,
3.3V, 4.2V, 4.75V, 5.2V fixed voltage versions and
0.8V to 5.5V adjustable voltage versions.
AP2127 series are available in SOT-23-5 Package.
Features
·
Wide Operating Voltage: 2.5V to 6V
·
High Output Voltage Accuracy:
±2%
·
High Ripple Rejection:
68dB@ f=1kHz, 54dB@ f=10kHz
·
Low Standby Current: 0.1
µA
·
Low Dropout Voltage: 170mV@300mA for
VOUT=3.3V, 140mV@300mA for VOUT=5.2V
·
Low Quiescent Current: 60
µA Typical
·
Low Output Noise: 60
µVrms@VOUT=0.8V
·
Short Current Limit: 50mA
·
Over Temperature Protection
·
Compatible with Low ESR Ceramic Capacitor:
1
µF for CIN and COUT
·
Excellent Line/Load Regulation
·
Soft Start Time: 50
µs
·
Auto Discharge Resistance: RDS(ON)=60Ω
Applications
·
Datacom
·
Notebook Computers
·
Mother Board
Figure 1. Package Type of AP2127
SOT-23-5


Similar Part No. - AP2127_09

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2127K-1.0TRG1 BCDSEMI-AP2127K-1.0TRG1 Datasheet
319Kb / 2P
300mA HIGH SPEEDEXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127K-1.0TRG1 DIODES-AP2127K-1.0TRG1 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
logo
BCD Semiconductor Manuf...
AP2127K-1.2TRG1 BCDSEMI-AP2127K-1.2TRG1 Datasheet
319Kb / 2P
300mA HIGH SPEEDEXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127K-1.2TRG1 DIODES-AP2127K-1.2TRG1 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2127K-1.5TRG1 DIODES-AP2127K-1.5TRG1 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
More results

Similar Description - AP2127_09

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com