Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTGD3147F Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTGD3147F
Description  Power MOSFET and Schottky Diode??0 V, ??.5 A, P?묬hannel with Schottky Barrier Diode, TSOP??
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGD3147F Datasheet(HTML) 5 Page - ON Semiconductor

  NTGD3147F Datasheet HTML 1Page - ON Semiconductor NTGD3147F Datasheet HTML 2Page - ON Semiconductor NTGD3147F Datasheet HTML 3Page - ON Semiconductor NTGD3147F Datasheet HTML 4Page - ON Semiconductor NTGD3147F Datasheet HTML 5Page - ON Semiconductor NTGD3147F Datasheet HTML 6Page - ON Semiconductor NTGD3147F Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NTGD3147F
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
0
1
2
3
4
5
01
2
3
4
QG, TOTAL GATE CHARGE (nC)
Figure 7. Gate−to−Source and
Drain−to−Source Voltage versus Total Charge
VDS = −10 V
ID = −2.2 A
TJ = 25°C
1
10
100
1
10
100
tr
td(off)
td(on)
tf
VGS = −4.5 V
VDD = −10 V
ID = −1.0 A
Figure 8. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (W)
0.1
1
10
0.4
0.6
0.8
1.0
1.2
Figure 9. Diode Forward Voltage versus
Current
−VSD, SOURCE−TO−DRAIN VOLTAGE (V)
VGS = 0 V
TJ = 150°C
125°C
0.01
0.1
1
10
0.1
1
10
100
RDS(on) Limit
Thermal Limit
Package Limit
1 ms
10 ms
dc
Figure 10. Threshold Voltage
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS = −12 V
Single Pulse
TC = 25°C
Figure 11. Single Pulse Maximum Power
Dissipation
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
0.6
0.8
1.0
1.2
0.5
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
ID = −250 mA
0.7
0.9
1.1
0.4
0
10
20
30
40
0.001
0.01
0.1
1
10
100
1000
SINGLE PULSE TIME (s)
0
2
4
6
8
12
10
−VDS
−VGS
QGS
QDS
QT
0.5
0.7
0.9
1.1
25°C
−55°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com