Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTGD3147F Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTGD3147F
Description  Power MOSFET and Schottky Diode??0 V, ??.5 A, P?묬hannel with Schottky Barrier Diode, TSOP??
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGD3147F Datasheet(HTML) 1 Page - ON Semiconductor

  NTGD3147F Datasheet HTML 1Page - ON Semiconductor NTGD3147F Datasheet HTML 2Page - ON Semiconductor NTGD3147F Datasheet HTML 3Page - ON Semiconductor NTGD3147F Datasheet HTML 4Page - ON Semiconductor NTGD3147F Datasheet HTML 5Page - ON Semiconductor NTGD3147F Datasheet HTML 6Page - ON Semiconductor NTGD3147F Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2008
May, 2008 − Rev. 0
1
Publication Order Number:
NTGD3147F/D
NTGD3147F
Power MOSFET and
Schottky Diode
−20 V, −2.5 A, P−Channel with Schottky
Barrier Diode, TSOP−6
Features
• Fast Switching
• Low Gate Change
• Low RDS(on)
• Low VF Schottky Diode
• Independently Connected Devices to Provide Design Flexibility
• This is a Pb−Free Device
Applications
• DC−DC Converters
• Portable Devices like PDA’s, Cellular Phones, and Hard Drives
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−20
V
Gate−to−Source Voltage
VGS
±12
V
Continuous Drain
Current (Note 1)
Steady State
TA = 25°C
TA = 85°C
ID
−2.2
−1.6
A
t ≤ 5 s
TA = 25°C
−2.5
Power Dissipation
(Note 1)
Steady State
TA = 25°C
PD
1.0
W
t ≤ 5 s
1.3
Pulsed Drain Current
tp = 10 ms
IDM
−7.5
A
Operating Junction and Storage Temperature
TJ, TSTG
−25 to
150
°C
Source Current (Body Diode)
IS
−0.8
A
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
SCHOTTKY MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
20
V
DC Blocking Voltage
VR
20
V
Average Rectified Forward Current
IF
1
A
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Ambient – Steady−State (Note 1)
RqJA
125
°C/W
Junction−to−Ambient – t ≤ 5 s (Note 1)
RqJA
100
°C/W
Junction−to−Ambient Steady−State (Note 2)
RqJA
235
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq
[2 oz] including traces).
2. Surface Mounted on FR4 Board using the minimum recommended pad size
(Cu area = 30 mm2 [2 oz] including traces).
http://onsemi.com
P−Channel MOSFET
Schottky Diode
−20 V
20 V
200 mW @ −2.5 V
145 mW @ −4.5 V
1.0 A
RDS(on) Max
0.45 V
ID Max
V(BR)DSS
P−CHANNEL MOSFET
SCHOTTKY DIODE
VR Max
IF Max
VF Max
−2.2 A
−1.6 A
K
A
TC = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
TSOP−6
CASE 318G
STYLE 15
MARKING
DIAGRAM
TC MG
G
1
1
1
2
3
6
5
4
A
S
G
K
N/C
D
(Top View)
PIN CONNECTION
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
G
S
D


Similar Part No. - NTGD3147F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGD3148NT1G ONSEMI-NTGD3148NT1G Datasheet
82Kb / 5P
Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
logo
VBsemi Electronics Co.,...
NTGD3148NT1G VBSEMI-NTGD3148NT1G Datasheet
1Mb / 9P
Dual N-Channel 20 V (D-S) MOSFET
logo
ON Semiconductor
NTGD3149C ONSEMI-NTGD3149C Datasheet
126Kb / 8P
Power MOSFET Complementary, 20 V, 3.5/??.7 A, TSOP?? Dual
May, 2008 ??Rev. 0
NTGD3149CT1G ONSEMI-NTGD3149CT1G Datasheet
126Kb / 8P
Power MOSFET Complementary, 20 V, 3.5/??.7 A, TSOP?? Dual
May, 2008 ??Rev. 0
More results

Similar Description - NTGD3147F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGD3133P ONSEMI-NTGD3133P Datasheet
67Kb / 5P
Power MOSFET ??0 V, ??.5 A, P?묬hannel, TSOP?? Dual
July, 2006 ??Rev. 0
NTLJF3117P ONSEMI-NTLJF3117P Datasheet
91Kb / 8P
Power MOSFET and Schottky Diode ??0 V, ??.1 A, P?묬hannel, with 2.0 A Schottky Barrier Diode, 2x2 mm, uCool Package
July, 2006 ??Rev. 2
NTGS1135P ONSEMI-NTGS1135P Datasheet
110Kb / 5P
Power MOSFET ?? V, ??.8 A, Single P?묬hannel, TSOP??
October, 2008 ??Rev. 0
NTHD3133PF ONSEMI-NTHD3133PF Datasheet
97Kb / 7P
Power MOSFET and Schottky Diode -20 V, FETKY, P-Channel, -4.4 A, with 3.7 A Schottky Barrier Diode, ChipFET?
October, 2007 - Rev. 0
NTLJD3182FZ ONSEMI-NTLJD3182FZ Datasheet
134Kb / 8P
Power MOSFET and Schottky Diode ??0 V, ??.0 A, 關Cool??Single P?묬hannel & Schottky Barrier Diode, ESD
December, 2008 ??Rev. 0
NTMD4184PF ONSEMI-NTMD4184PF Datasheet
103Kb / 7P
Power MOSFET and Schottky Diode -30 V, -4.0 A, Single P-Channel with 20 V, 2.2 A, Schottky Barrier Diode
March, 2008 - Rev. 0
NTGD4169F ONSEMI-NTGD4169F Datasheet
136Kb / 7P
Power MOSFET and Schottky Diode 30 V, 2.9 A, N?묬hannel with Schottky Barrier Diode, TSOP??
May, 2008 ??Rev. 1
NTGS5120P ONSEMI-NTGS5120P Datasheet
112Kb / 5P
Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0
NTLGF3402P ONSEMI-NTLGF3402P Datasheet
91Kb / 8P
Power MOSFET and Schottky Diode ??0 V, ??.9 A FETKY, P?묬hannel, 2.0 A Schottky Barrier Diode, DFN6
March, 2006 ??Rev. 1
logo
Zibo Seno Electronic En...
MBR740 ZSELEC-MBR740 Datasheet
186Kb / 2P
7 .0 A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com