Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3823IGNTRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3823IGNTRPBF
Description  Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3823IGNTRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3823IGNTRPBF Datasheet HTML 4Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 5Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 6Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 7Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 8Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 9Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 10Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 11Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LTC3823
8
3823fd
PIN FUNCTIONS (UH/GN)
PGND (Pin 22/Pin 22): Power Ground. Connect this pin
closely to the source of the bottom N-channel MOSFET,
the (–) terminal of CVCC and CIN.
SENSE– (Pin 23/Pin 23):
Current Sense Comparator In-
put. The negative input to the current comparator is used
to accurately Kelvin sense the bottom side of the sense
resistor or MOSFET.
SENSE+ (Pin 24/Pin 24):
Current Sense Comparator
Input. The positive input to the current comparator is
normally connected to the SW node unless using a sense
resistor.
SW (Pin 25/Pin 25): Switch Node. The (–) terminal of the
bootstrap capacitor, CB, connects here. This pin swings
from a diode drop below ground up to VIN.
TG (Pin 26/Pin 26): Top Gate Drive Output. This pin drives
the top N-channel MOSFET with a voltage swing equal to
INTVCC, superimposed on the switch node voltage SW.
BOOST (Pin 27/Pin 27): Boosted Floating Driver Supply.
The (+) terminal of the bootstrap capacitor, CB, connects
here. This pin swings from a diode voltage drop below
INTVCC up to VIN + INTVCC.
Z0 (Pin 28/Pin 28): Dead Time Control Input. Applying a
DC voltage at this pin will vary the dead time between TG
low and BG high transition. Do not force a voltage higher
than INTVCC on this pin.
FCB (Pin 29/Pin 1): Forced Continuous Input. Connect
this pin to SGND to forced continuous synchronization
operation at low load, to INTVCC to enable discontinuous
mode operation at low load, or to a resistive divider from
a secondary output when using a secondary winding.
RUN (Pin 30/Pin 2): Run Control Input. A voltage above
1.5V turns on the IC. Forcing this pin below 1.5V shuts
down the device.
VON (Pin 31/Pin 3): On-Time Input. Connecting this pin
to the output voltage makes the on-time proportional to
VOUT. The comparator input defaults to 0.6V when the
pin is grounded and defaults to 4.8V when the pin is tied
to INTVCC.
PGOOD (Pin 32/Pin 4): Power Good Output. Open-drain
logic that is pulled to ground when the output voltage is
not within ±11% of the regulation point after the internal
20μs power bad mask timer expires.
SGND (Exposed Pad Pin 33, UH Package): The exposed
pad is signal ground. It must be soldered to PCB ground
for electrical contact and for rated thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com