Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3823IGNTRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3823IGNTRPBF
Description  Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3823IGNTRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3823IGNTRPBF Datasheet HTML 1Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 2Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 3Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 4Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 5Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 6Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 7Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 8Page - Linear Technology LTC3823IGNTRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC3823
3
3823fd
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
IQ
Input DC Supply Current
Normal Operation
Shutdown Supply Current
1400
30
2200
50
μA
μA
VFB
Feedback Voltage Accuracy (Note 3)
ITH = 1.2V (0°C to 85°C)
ITH = 1.2V
l
0.596
0.594
0.6
0.6
0.604
0.606
V
V
VFB(LINEREG)
Feedback Voltage Line Regulation
VIN = 4.5V to 30V, ITH = 1.2V (Note 3)
0.002
%/V
VFB(LOADREG)
Feedback Voltage Load Regulation
ITH = 0.5V to 1.9V (Note 3)
–0.04
–0.3
%
VRUN
RUN Pin On Threshold
VRUN Rising
1
1.5
1.9
V
ISS/TRACK
Soft-Start Charge Current
VSS/TRACK = 0V
–1.3
–1.7
–2.3
μA
IFB
Feedback Pin Input Current
–100
–20
100
nA
gm(EA)
Error Amplifier Transconductance
ITH = 1.2V (Note 3)
l
1.65
mS
VFCB
Forced Continuous Threshold
l
0.57
0.6
0.63
V
IFCB
Forced Continuous Pin Current
VFCB = 0V
–1
–2
μA
tON
On-Time
ION = –60μA, VON = 1.5V
ION = –60μA, VON = 0V
210
80
250
115
290
150
ns
ns
tON(MIN)
Minimum On-Time
ION = –180μA, VON = 0V
50
100
ns
tOFF(MIN)
Minimum Off-Time
280
400
ns
VSENSE(MAX)
Maximum Current Sense Threshold
VRNG = 1V, VFB = 570mV (0°C to 85°C)
VRNG = 0V, VFB = 570mV (0°C to 85°C)
VRNG = INTVCC, VFB = 570mV (0°C to 85°C)
120
50
240
140
70
280
160
85
320
mV
mV
mV
VSENSE(MIN)
Minimum Current Sense Threshold
VRNG = 1V, VFB = 630mV
VRNG = 0V, VFB = 630mV
VRNG = INTVCC, VFB = 630mV
–60
–30
–120
mV
mV
mV
ΔVFB(OV)
Output Overvoltage Fault Threshold Offset
8
11
14
%
VIN(UVLO+)
Undervoltage Lockout
VIN Falling
3.1
3.4
V
VIN(UVLO–)
Undervoltage Lockout
VIN Rising
3.9
4.1
V
TG RUP
TG Driver Pull-Up On-Resistance
TG High
1.9
2.5
Ω
TG RDOWN
TG Driver Pull-Down On-Resistance
TG Low
1.2
2.5
Ω
BG RUP
BG Driver Pull-Up On-Resistance
BG High
1.9
3
Ω
BG RDOWN
BG Driver Pull-Down On-Resistance
BG Low
0.7
1.5
Ω
TG tr
TG Rise Time
CLOAD = 3300pF
20
ns
TG tf
TG Fall Time
CLOAD = 3300pF
20
ns
BG tr
BG Rise Time
CLOAD = 3300pF
20
ns
BG tf
BG Fall Time
CLOAD = 3300pF
20
ns
Internal VCC Regulation
VINTVCC
Internal VCC Voltage
6V < VIN < 36V
l
4.75
5
5.45
V
ΔVLDO(LOADREG)
Internal VCC Load Regulation
ICC = 0mA to 20mA
– 0.1
±2
%
Phase-Locked Loop
RPLLIN
PLLIN Input Resistance
50
kΩ
IPLLFLTR
Phase Detector Sink Current
Phase Detector Source Current
fPLLIN < fO
fPLLIN > fO
–15
15
μA
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com