Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7858 Datasheet(PDF) 4 Page - Analog Devices

Part # ADE7858
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858 Datasheet(HTML) 4 Page - Analog Devices

  ADE7858 Datasheet HTML 1Page - Analog Devices ADE7858 Datasheet HTML 2Page - Analog Devices ADE7858 Datasheet HTML 3Page - Analog Devices ADE7858 Datasheet HTML 4Page - Analog Devices ADE7858 Datasheet HTML 5Page - Analog Devices ADE7858 Datasheet HTML 6Page - Analog Devices ADE7858 Datasheet HTML 7Page - Analog Devices ADE7858 Datasheet HTML 8Page - Analog Devices ADE7858 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 4 of 76
FUNCTIONAL BLOCK DIAGRAM
12
22
13
14
19
18
24
5
39
37
38
36
32
29
25
6
4
28
27
26
17
7
8
23
9
PGA3
PGA1
1.2V
REF
PGA3
PGA1
PGA3
PGA1
APHCAL
HPF
ADC
ADC
HPF
Digital
Integrator
LPF
AWATTOS
AVAROS
34
35
33
DFC
:
CF1DEN
Phase
A,B and
C data
DFC
:
CF2DEN
DFC
:
CF3DEN
AVRMSOS
LPF
x2
AVRMS
AIRMSOS
LPF
x2
AIRMS
AIGAIN
AVGAIN
ADC
ADC
ADC
ADC
TOTAL ACTIVE/ REACTIVE/
APPARENT ENERGIES AND
VOLTAGE/CURRENT RMS
CALCULATION FOR PHASE B
(see phase A for detailed data path)
TOTAL ACTIVE/ REACTIVE/
APPARENT ENERGIES AND
VOLTAGE/CURRENT RMS
CALCULATION FOR PHASE C
(see phase A for detailed data path)
POR
LDO
LDO
HSDC
SPI/I2C
I2C
VDD
AVDD
DVDD
AGND
DGND
IAP
IAN
IBP
ICP
IBN
ICN
VAP
VBP
VCP
VN
RESET
REFin/out
CLKIN
CLKOUT
0
IRQ
1
IRQ
SCLK/SCL
MOSI/SDA
MISO/HSD
CF1
CF2
CF3/HSCLK
Digital Signal
Processor
3
2PM0
PM1
/HSA
SS
Computational
Block for Total
Reactive Power
AVARGAIN
AWGAIN
AVAGAIN
HPFDIS[23:0]
HPFDIS[23:0]
Figure 1. ADE7858 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com