Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7858 Datasheet(PDF) 8 Page - Analog Devices

Part # ADE7858
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE7858 Datasheet HTML 4Page - Analog Devices ADE7858 Datasheet HTML 5Page - Analog Devices ADE7858 Datasheet HTML 6Page - Analog Devices ADE7858 Datasheet HTML 7Page - Analog Devices ADE7858 Datasheet HTML 8Page - Analog Devices ADE7858 Datasheet HTML 9Page - Analog Devices ADE7858 Datasheet HTML 10Page - Analog Devices ADE7858 Datasheet HTML 11Page - Analog Devices ADE7858 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 8 of 76
Table 3. SPI INTERFACE TIMING Parameter
Parameter
Symbol
Min
Max
Unit
SS to SCLK edge
tSS
50
ns
SCLK period
400
ns
SCLK low pulse width
tSL
175
ns
SCLK high pulse width
tSH
175
ns
Data output valid after SCLK edge
tDAV
5
40
ns
Data input setup time before SCLK edge
tDSU
20
ns
Data input hold time after SCLK edge
tDHD
5
ns
Data output fall time
tDF
20
ns
Data output rise time
tDR
20
ns
SCLK rise time
tSR
20
ns
SCLK fall time
tSF
20
ns
MISO disable after
SS rising edge
tDIS
5
40
ns
SS high after SCLK edge
tSFS
0
ns
SS
SCLK
MISO
MOSI
t
SS
t
SL
t
DSU
t
SH
t
DHD
t
DF
t
DR
t
SR
t
SF
t
SFS
t
DIS
MSB
INTERMEDIATE BITS
LSB
MSB IN
INTERMEDIATE BITS
LSB IN
t
DAV
Figure 3. SPI Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com