Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

73S8014RT-IL/F Datasheet(PDF) 8 Page - Teridian Semiconductor Corporation

Part # 73S8014RT-IL/F
Description  Smart Card Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S8014RT-IL/F Datasheet(HTML) 8 Page - Teridian Semiconductor Corporation

Back Button 73S8014RT-IL/F Datasheet HTML 4Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 5Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 6Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 7Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 9Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 10Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 11Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 12Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
73S8014RT Data Sheet
DS_8014RT_015
8
Rev. 1.0
2
Electrical Specifications
This section provides the following:
Absolute maximum ratings
Recommended operating conditions
Package thermal parameters
Smart card interface requirements
Digital signals characteristics
DC Characteristics
Voltage Fault Detection Circuits
2.1
Absolute Maximum Ratings
Table 2 lists the maximum operating conditions for the 73S8014RT. Permanent device damage may occur if
absolute maximum ratings are exceeded. Exposure to the extremes of the absolute maximum rating for extended
periods may affect device reliability. The smart card interface pins are protected against short circuits to VCC,
ground, and each other.
Table 2: Absolute Maximum Device Ratings
Parameter
Rating
Supply Voltage VDD
-0.5 to 6.0 VDC
Supply Voltage VPC
-0.5 to 6.0 VDC
Input Voltage for Digital Inputs
-0.3 to (VDD +0.5) VDC
Storage Temperature
-60 to 150°C
Pin Voltage (except card interface)
-0.3 to (VDD +0.5) VDC
Pin Voltage (card interface)
-0.3 to (VCC + 0.5) VDC
ESD Tolerance – Card interface pins
+/- 6kV
ESD Tolerance – Other pins
+/- 2kV
* Note: ESD testing on smart card pins is HBM condition, 3 pulses, each polarity referenced to ground.
Note: Smart Card pins are protected against shorts between any combinations of Smart Card pins.
2.2
Recommended Operating Conditions
Function operation should be restricted to the recommended operating conditions specified in Table 3.
Table 3: Recommended Operating Conditions
Parameter
Rating
Supply Voltage VDD
2.7 to 5.5 VDC
Supply Voltage VPC
4.75 to 5.5 VDC
Ambient Operating Temperature
-40°C to +85°C
Input Voltage for Digital Inputs
0V to VDD + 0.3V
2.3
Package Thermal Parameters
Table 4 lists the 73S8014RT Smart Card package thermal parameters.
Table 4: Package Thermal Parameters
Parameter
Rating
20 SO
50°C / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com