Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

73S8014RT-IL/F Datasheet(PDF) 9 Page - Teridian Semiconductor Corporation

Part # 73S8014RT-IL/F
Description  Smart Card Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S8014RT-IL/F Datasheet(HTML) 9 Page - Teridian Semiconductor Corporation

Back Button 73S8014RT-IL/F Datasheet HTML 5Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 6Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 7Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 9Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 10Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 11Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 12Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 13Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
DS_8014RT_015
73S8014RT Data Sheet
Rev. 1.0
9
2.4
Smart Card Interface Requirements
Table 5 lists the 73S8014RT Smart Card interface requirements.
Table 5: DC Smart Card Interface Requirements
Symbol
Parameter
Condition
Min
Nom
Max
Unit
Card Power Supply (VCC) Regulator
General conditions, -40
°C < T < 85°C, 4.75V < V
PC < 5.5V, 2.7V < VDD < 5.5V
VCC
Card supply voltage
including ripple and
noise
Inactive mode
-0.1
0.1
V
Inactive mode, ICC = 1mA
-0.1
0.4
V
Active mode; ICC <65mA; 5V
4.65
5.25
V
Active mode; ICC <65mA; 3V
2.85
3.15
V
Active mode; ICC <40mA; 1.8V
1.68
1.92
V
Active mode; single pulse of 100mA for
2
μs; 5V, fixed load = 25mA
4.6
5.25
V
Active mode; single pulse of 100mA for
2
μs; 3V, fixed load = 25mA
2.76
3.2
V
Active mode; current pulses of 40nAs
with peak |ICC | <200mA,
t <400ns; 5V
4.6
5.25
V
Active mode; current pulses of 40nAs
with peak |ICC | <200mA,
t <400ns; 3V
2.76
3.15
V
Active mode; current pulses of 20nAs
with peak |ICC | <100mA,
t <400ns; 1.8V
(1)
1.62
1.92
V
VCCrip
VCC Ripple
fRIPPLE = 20K – 200MHz
350
mV
ICCmax
Card supply output
current
Static load current, VCC>4.6 or 2.7 volts
as selected
65
mA
Static load current, VCC>1.62
40
mA
ICCF
ICC fault current
70
130
mA
VSR
VCC slew rate, rise
CF = 1.0μF on VCC
0.06
0.150
0.30
V/
μs
VSF
VCC slew rate, fall
CF = 1.0μF on VCC
0.075
0.150
0.60
V/
μs
CF
External filter cap
(VCC to GND)
CF should be ceramic with low ESR
(<100m
Ω).
0.5
1.0
1.5
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com