Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDF4651 Datasheet(PDF) 9 Page - Shoulder Electronics Limited.

Part # HDF4651
Description  SAW FILTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4651 Datasheet(HTML) 9 Page - Shoulder Electronics Limited.

Back Button HDF4651 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 9Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 10Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 11Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 12Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 13Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SAW FILTER
HDF4651
www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn
Page 9 of 13
5.Environmental Performance Characteristics
Item
Condition
Specifications
High
temperature
The specimen shall be store at a temperature of
85±2℃ for 96±4h. Then it shall be subjected to
standard atmospheric conditions for 1h, after
which measurement shall be made within 1h.
Low
temperature
The specimen shall be store at a temperature of
-30±3℃ for 96±4h. Then it shall be subjected to
standard atmospheric conditions for 1h, after
which measurement shall be made within 1h.
Humidity
The specimen shall be store at a temperature of
40±2℃ with relative humidity of 90% to 96%
for 96
±4h. Then it shall be subjected to standard
atmospheric conditions for 1h, after which
measurement shall be made within 1h.
Thermal
shock
The specimen shall be subjected to 8 continuous
cycles each as shown below. Then it shall be
subjected to standard atmospheric conditions for
1h, after which measurement shall be made
within 1h.
Temperature
Duration
1
+25℃=>-40℃
0.5h
2
-40℃
4h
3
-40℃=>+85℃
2h
4
+85℃
4h
5
+85℃=>+25℃
0.5h
6
+25℃
1h
Resistance to
Soldering
heat
Reflow soldering method
Peak: 255 ±5 ℃, 220 ±5℃, 40s
At electrode temperature of the specimen.
Mechanical
characteristics and
specifications
in
electrical
characteristics shall
be satisfied. There
shall
be
no
excessive change in
appearance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com