Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDF4651 Datasheet(PDF) 10 Page - Shoulder Electronics Limited.

Part # HDF4651
Description  SAW FILTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4651 Datasheet(HTML) 10 Page - Shoulder Electronics Limited.

Back Button HDF4651 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 9Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 10Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 11Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 12Page - Shoulder Electronics Limited. HDF4651 Datasheet HTML 13Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SAW FILTER
HDF4651
www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn
Page 10 of 13
The specimen shall be passed through the reflow
furnace with the condition shown in the above
profile for 1 time.
The specimen shall be stored at standard
atmospheric conditions for 1h, after which the
measurement shall be made. Test board shall be
1.6 mm thick. Base material shall be glass fabric
base epoxy resin.
Solder ability Immerse the pins melt solder at 260℃+5/-0℃
for 5 sec.
More then 95% of
total area of the
pins
should
be
covered with solder
6.Mechanical Test
Items
Conditions
Specifications
Vibration
600-3300rpm amplitude 1.5mm
3 directions 2 H each
Drop
On maple plate from 1m high 3 times
Lead pull
Pull with 1kg force for 30 seconds
Lead bend
90o bending with 500g weigh 2 times
There shall be no
damage.
7. REMARK
7.1 Static voltage
Static voltage between signal load & ground may cause deterioration &destruction of
the component. Please avoid static voltage.
7.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the
component.
Please avoid ultrasonic cleaning
7.3 Soldering
Only leads of component may be soldered. Please avoid soldering another part of
component.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com