Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDF4621 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF4621
Description  SAW FILTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4621 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF4621 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 9Page - Shoulder Electronics Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SAW FILTER
HD F4621
www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn
Page 4 of 12
2-2 Input / Output VSWR Charts
CH1
S 22
SWR
1 /
REF 1
CH1 CENTER 452.500 000 MHz
SPAN 100.000 000 MHz
MARKER 4
465 MHz
8 Jul 2006 09:19:23
1
2
3
4
4_: 1.346
465.000 000 MHz
1_: 8.6787
450 MHz
2_: 3.745
455 MHz
3_: 1.3686
460 MHz
2-3Inp
ut / Output Smith Charts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com