Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDF4621 Datasheet(PDF) 8 Page - Shoulder Electronics Limited.

Part # HDF4621
Description  SAW FILTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4621 Datasheet(HTML) 8 Page - Shoulder Electronics Limited.

Back Button HDF4621 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 9Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 10Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 11Page - Shoulder Electronics Limited. HDF4621 Datasheet HTML 12Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SAW FILTER
HD F4621
www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn
Page 8 of 12
for 96
±4h. Then it shall be subjected to standard
atmospheric conditions for 1h, after which
measurement shall be made within 1h.
Thermal
shock
The specimen shall be subjected to 8 continuous
cycles each as shown below. Then it shall be
subjected to standard atmospheric conditions for
1h, after which measurement shall be made
within 1h.
Temperature
Duration
1
+25℃=>-40℃
0.5h
2
-40℃
4h
3
-40℃=>+85℃
2h
4
+85℃
4h
5
+85℃=>+25℃
0.5h
6
+25℃
1h
Resistance to
Soldering
heat
Reflow soldering method
Peak: 255 ±5 ℃, 220 ±5℃, 40s
At electrode temperature of the specimen.
The specimen shall be passed through the reflow
furnace with the condition shown in the above
profile for 1 time.
The specimen shall be stored at standard
atmospheric conditions for 1h, after which the
measurement shall be made. Test board shall be
1.6 mm thick. Base material shall be glass fabric
base epoxy resin.
shall
be
no
excessive change in
appearance.
Solder ability Immerse the pins melt solder at 260℃+5/-0℃
for 5 sec.
More then 95% of
total area of the
pins
should
be
covered with solder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com