Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45R35V Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT45R35V
Description  C/R to F Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35V Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT45R35V Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 24Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 25Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 26Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 27Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 28Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 29Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Application Circuits
R to F Application Circuit
HT45R35V
Rev. 1.00
26
January 15, 2009
Options
The following table shows the various options within the microcontroller. All of the options must be defined to ensure
proper system functioning.
No.
Function
Description
1
Wake up PA0~PA7 (bit option)
None wake-up or wake-up
2
Pull high PA0~PA7, PB0 and PB3~PB7 (bit option)
None pull-high or pull-high
3
WDT clock source
WDTOSC or fSYS/4
4
WDT
Enable or disable
5
CLRWDT
1 or 2 instructions
6
LVR
Enable or disable
7
OSC
X
¢tal mode or RC mode
8
INT0 trigger edge
Disable, rising edge, falling edge or double edge
9
INT1 trigger edge
Disable, rising edge, falling edge or double edge
10
I/O or RC connection pins
PA0 or RC1, PA1 or RC2, PA2 or RC3, PA3 or RC4,
PA4 or RC9, PA5 or RC10, PA6 or RC11, PA7 or RC12
R C O U T
I N
R R E F
C R E F
* C
R s e n s o r 1
R s e n s o r 2
R C 1
R C 2
R C 1 2
R s e n s o r 1 2
* R
0 . 1 m F
1 0 0 k W
V D D
V S S
0 . 1 m F
R e s e t
C i r c u i t
O S C 1
O S C 2
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
H T 4 5 R 3 5 V
V F D 0 ~ V F D 2 3
P B 0
F 1 O
B Z O
B Z O
R E S
V D D
V C C
V O
1 0 m F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com