Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT46F49E Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT46F49E
Description  Cost-Effective A/D Flash Type 8-Bit MCU with EEPROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46F49E Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT46F49E Datasheet HTML 16Page - Holtek Semiconductor Inc HT46F49E Datasheet HTML 17Page - Holtek Semiconductor Inc HT46F49E Datasheet HTML 18Page - Holtek Semiconductor Inc HT46F49E Datasheet HTML 19Page - Holtek Semiconductor Inc HT46F49E Datasheet HTML 20Page - Holtek Semiconductor Inc HT46F49E Datasheet HTML 21Page - Holtek Semiconductor Inc HT46F49E Datasheet HTML 22Page - Holtek Semiconductor Inc HT46F49E Datasheet HTML 23Page - Holtek Semiconductor Inc HT46F49E Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
HT46F46E/HT46F47E/HT46F48E/HT46F49E
Rev. 1.40
20
July 28, 2009
EEPROM Data Memory Instruction Set
Control over the internal EEPROM, to execute functions
such as read, write, disable, enable etc, is implemented
through instructions of which there are a total of seven.
The related instruction is transmitted to the EEPROM
via the DI bit, after CS has first been set to
²1² to enable
the EEPROM and a start bit
²1² has been transmitted.
For the READ, WRITE and ERASE instructions, each of
the three instructions has its own two bit related instruc-
tion code. The address should then be transmitted,
which in the case of devices with a 128
´8 capacity
EEPROM is 7-bits. For devices with a 256
´8 capacity
EEPROM, a 9-bit address is transmitted, however the
first bit is a dummy bit and can have any value. The ad-
dress is transmitted in MSB first format.
For the other four instructions,
²EWEN², ²EWDS²,
²ERAL² and ²WRAL², after the start bit has been trans-
mitted a
²00² instruction code should then follow. The
address information should then follow which is 7-bits
long for devices with a 128
´8 capacity EEPROM, and
9-bits long for devices with a 256
´8 capacity EEPROM.
The first two bits of this address is instruction dependant
as shown in the table while the remaining bits have don
¢t
care values and can be either high or low.
After any write or erase instruction is issued, the internal
write function of the EEPROM will be used to write the
data into the device. As this internal write operation uses
the EEPROM
¢s own internal clock, no further instruc-
tions will be accepted by the EEPROM until the internal
write function has ended. After power on and before any
instruction is issued the EEPROM must be properly in-
itialised to ensure proper operation.
Instruction
Function
Start Bit
Instruction
Code
Address
Data
READ
Read Out Data Byte(s)
1
10
A6~A0
D7~D0
ERASE
Erase Single Data Byte
1
11
A6~A0
¾
WRITE
Write Single Data Byte
1
01
A6~A0
D7~D0
EWEN
Erase/Write Enable
1
00
11 XXXXX
¾
EWDS
Erase/Write Disable
1
00
00 XXXXX
¾
ERAL
Erase All
1
00
10 XXXXX
¾
WRAL
Write All
1
00
01 XXXXX
D7~D0
EEPROM Instruction Set Summary
- Except HT46F49E
Instruction
Function
Start Bit
Instruction
Code
Address
Data
READ
Read Out Data Byte(s)
1
10
X, A7~A0
D7~D0
ERASE
Erase Single Data Byte
1
11
X, A7~A0
¾
WRITE
Write Single Data Byte
1
01
X, A7~A0
D7~D0
EWEN
Erase/Write Enable
1
00
11 XXXXXXX
¾
EWDS
Erase/Write Disable
1
00
00 XXXXXXX
¾
ERAL
Erase All
1
00
10 XXXXXXX
¾
WRAL
Write All
1
00
01 XXXXXXX
D7~D0
EEPROM Instruction Set Summary
- HT46F49E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com